Electronic Components Datasheet Search
  English  ▼

X  

AD5413 Datasheet(PDF) 34 Page - Analog Devices

Part # AD5413
Description  Single-Channel, 14-Bit Voltage and Current Output DAC with HART Connectivity
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5413 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD5413 Datasheet HTML 30Page - Analog Devices AD5413 Datasheet HTML 31Page - Analog Devices AD5413 Datasheet HTML 32Page - Analog Devices AD5413 Datasheet HTML 33Page - Analog Devices AD5413 Datasheet HTML 34Page - Analog Devices AD5413 Datasheet HTML 35Page - Analog Devices AD5413 Datasheet HTML 36Page - Analog Devices AD5413 Datasheet HTML 37Page - Analog Devices AD5413 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
AD5413
Data Sheet
Rev. 0 | Page 34 of 49
AD5413 REGISTERS
The AD5413 is controlled and configured via the 20 on-chip
registers described in the Register Map section. Possible access
permissions include the following:
R/W is read or write.
R is read only.
R/W-1-C is read or write 1 to clear.
R0/W is read zero or write.
Reading from or writing to reserved registers is flagged as an
invalid SPI access (see Table 36). When accessing registers with
reserved bit fields, the default value of those bit fields must be
written. These values are listed in the reset column of Table 22
to Table 41.
WRITING TO REGISTERS
Use the format data frame in Table 16 when writing to any register.
By default, the SPI CRC is enabled, and the input register is 32 bits
wide with the last 8 bits corresponding to the CRC code. Only
frames that are exactly 32 bits wide are accepted as valid. If the
CRC is disabled, the input register is 24 bits wide, and 32-bit
frames are also accepted with the final 8 bits ignored. Table 17
describes the bit names and functions of Bits[D23:D16].
Bits[D15:D0] depend on the register that is being addressed.
READING FROM REGISTERS
The AD5413 options for readback modes that can be configured
in the TWO_STAGE_READBACK_SELECT register (see
Table 35) include the following:
Two-stage readback
Autostatus readback
Shared SYNC autostatus readback
Echo mode
Two-Stage Readback Mode
Two-stage readback mode consists of a write to the TWO_
STAGE_READBACK_SELECT register to select the register
location to be read back, followed by an NOP command. To
perform an NOP command, write all 0s to Bits[D15:D0] of the
NOP register. During the NOP command, the contents of the
selected register are available on the SDO pin in the data frame
format shown in Table 18. The user can also write a new
two-stage readback command during the second frame,
such that the corresponding new data is available on the SDO
pin in the subsequent frame (see Figure 66). Bits[D31:D30] (or
Bits[D23:D22] if SPI CRC is not enabled) = 0b10 and are used
as part of the synchronization during readback. The contents of
the first write instruction to the TWO_STAGE_READBACK_
SELECT register are shown in Table 19.
Autostatus Readback Mode
When autostatus readback mode is selected, the contents of the
status register are available on the SDO line during each SPI
transaction. When reading back the status register, the SDO
contents differ from the data frame format shown in Table 18.
The contents of the status register are shown in Table 20. Refer to
the example shown in Figure 67.
Configure the autostatus readback mode via the READBACK_
MODE bits in the TWO_STAGE_READBACK_SELECT register
(see the Two-Stage Readback Select Register section).
Shared SYNC Autostatus Readback Mode
The shared SYNC autostatus readback mode is a unique version
of the autostatus readback mode used to avoid SDO bus
contention when multiple AD5413 devices share the same SYNC
line. If this issue occurs, the AD5413 devices are distinguished
from each other using the hardware address pins, AD0 and AD1.
An internal flag is set after each valid write to a device and the flag
is cleared on the subsequent falling edge of SYNC. The shared
SYNC autostatus readback mode behaves in a similar manner to
the normal autostatus readback mode, except the device does
not output the status register contents on SDO when SYNC goes
low unless the internal flag is set, which occurs when the previous
SPI write is valid. Refer to the example shown in Figure 68.
Echo Mode
Echo mode behaves in a similar manner to the autostatus
readback mode, except that every second readback consists of an
echo of the previous command written to the AD5413. Echo
mode is useful for checking which SPI instruction is received in
the previous SPI frame. Refer to the example shown in Figure 69.
Table 16. Writing to a Register
MSB
LSB
D23
D22
D21
D20
D19
D18
D17
D16
[D15:D0]
AD1
AD1
AD0
REG_ADR4
REG_ADR3
REG_ADR2
REG_ADR1
REG_ADR0
Data
Table 17. Input Register Decode
Bit
Description
AD1
Slip Bit. This bit must equal the inverse of Bit D22 (the AD1 pin).
AD1, AD0
These bits are used in association with the external pins, AD1 and AD0, to determine which AD5413
device is being addressed by the system controller. Up to four unique devices can be addressed
corresponding to the AD1 and AD0 addresses of 0b00, 0b01, 0b10, and 0b11.
REG_ADR4, REG_ADR3, REG_ADR2,
REG_ADR1, REG_ADR0
These bits select which register is written to. See Table 21 for a summary of the available registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com