Electronic Components Datasheet Search
  English  ▼

X  

AD5413 Datasheet(PDF) 43 Page - Analog Devices

Part # AD5413
Description  Single-Channel, 14-Bit Voltage and Current Output DAC with HART Connectivity
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5413 Datasheet(HTML) 43 Page - Analog Devices

Back Button AD5413 Datasheet HTML 39Page - Analog Devices AD5413 Datasheet HTML 40Page - Analog Devices AD5413 Datasheet HTML 41Page - Analog Devices AD5413 Datasheet HTML 42Page - Analog Devices AD5413 Datasheet HTML 43Page - Analog Devices AD5413 Datasheet HTML 44Page - Analog Devices AD5413 Datasheet HTML 45Page - Analog Devices AD5413 Datasheet HTML 46Page - Analog Devices AD5413 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 49 page
background image
Data Sheet
AD5413
Rev. 0 | Page 43 of 49
General-Purpose Configuration 2 Register
Address: 0x0A, Reset: 0x0A0200, Name: GP_CONFIG2
The GP_CONFIG2 register configures and enables functions such as the voltage comparators and the global software LDAC command.
Table 32. Bit Descriptions for GP_CONFIG2
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
This bit reflects the current status of the FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register Address.
0x0
R
15
RESERVED
Reserved.
0x0
R0
[14:13]
COMPARATOR_CONFIG
These pins enable or disable the voltage comparator inputs for test purposes. The
temperature comparator is permanently enabled (see the Background Supply and
Temperature Monitoring section).
0x0
R/W
00: disables voltage comparators (default).
01: reserved.
10: reserved.
11: enables voltage comparators. Set the INT_EN bit in the DAC_CONFIG register to
power up the REFIN buffer and make the REFIN buffer available to the REFIN comparator.
12
RESERVED
Reserved.
0x0
R/W
11
RESERVED
Reserved.
0x0
R/W
10
GLOBAL_SW_LDAC
When enabled, the AD5413 address bits are ignored when performing a software
LDAC command, which allows multiple devices to be simultaneously updated using
one SW_LDAC command.
0x0
R/W
0: disable (default).
1: enable.
9
FAULT_TIMEOUT
Reduced Fault Detect Timeout Enable. This bit configures the delay from when the
analog block indicates that a VIOUT fault has been detected to the associated change
of the relevant bit in the ANALOG_DIAG_RESULTS register. This feature provides
flexibility to accommodate different output load values.
0x1
R/W
0: fault detect timeout 25 ms.
1: fault detect timeout 6.5 ms (default).
[8:0]
RESERVED
Reserved.
0x0
R/W
Digital Diagnostic Configuration Register
Address: 0x10, Reset: 0x10005D, Name: DIGITAL_DIAG_CONFIG
The DIGITAL_DIAG_CONFIG register configures various digital diagnostic features of interest for a particular application.
Table 33. Bit Descriptions for DIGITAL_DIAG_CONFIG
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
This bit reflects the current status of the FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register Address.
0x0
R
[15:7]
RESERVED
Reserved.
0x0
R0
6
DAC_LATCH_MON_EN
Diagnostic Monitor on DAC Latches Enable. This feature monitors the actual digital
code driving the DAC and compares the code with the digital code generated
within the digital block. Any difference between the two codes causes the
DAC_LATCH_MON_ERR flag bit to be set in the DIGITAL_DIAG_RESULTS register.
0x1
R/W
0: disable.
1: enable (default).
5
RESERVED
Reserved.
0x0
R/W
4
INVERSE_DAC_CHECK_EN
Check for DAC Code vs. Inverse DAC Code Error Enable.
0x1
R/W
0: disable.
1: enable (default).
3
CAL_MEM_CRC_EN
CRC of Calibration Memory on Calibration Memory Refresh Enable.
0x1
R/W
0: disable.
1: enable (default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com