Electronic Components Datasheet Search
  English  ▼

X  

AD5413 Datasheet(PDF) 45 Page - Analog Devices

Part # AD5413
Description  Single-Channel, 14-Bit Voltage and Current Output DAC with HART Connectivity
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5413 Datasheet(HTML) 45 Page - Analog Devices

Back Button AD5413 Datasheet HTML 41Page - Analog Devices AD5413 Datasheet HTML 42Page - Analog Devices AD5413 Datasheet HTML 43Page - Analog Devices AD5413 Datasheet HTML 44Page - Analog Devices AD5413 Datasheet HTML 45Page - Analog Devices AD5413 Datasheet HTML 46Page - Analog Devices AD5413 Datasheet HTML 47Page - Analog Devices AD5413 Datasheet HTML 48Page - Analog Devices AD5413 Datasheet HTML 49Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 45 / 49 page
background image
Data Sheet
AD5413
Rev. 0 | Page 45 of 49
Bits
Bit Name
Description
Reset
Access
11: the status register contents and the previous SPI frame instruction are alternately
available on SDO.
[4:0]
READBACK_SELECT
Select Readback Address for a Two-Stage Readback.
0x0
R/W
0x00: NOP register (default).
0x01: DAC_INPUT register.
0x02: DAC_OUTPUT register.
0x03: CLEAR_CODE register.
0x04: USER_GAIN register.
0x05: USER_OFFSET register.
0x06: DAC_CONFIG register.
0x07: SW_LDAC register.
0x08: KEY register.
0x09: GP_CONFIG1 register.
0x0A: GP_CONFIG2 register.
0x0B: reserved (do not select this option).
0x0C: reserved (do not select this option).
0x0D: reserved (do not select this option).
0x0E: reserved (do not select this option).
0x0F: reserved (do not select this option).
0x10: DIGITAL_DIAG_CONFIG register.
0x11: reserved (do not select this option).
0x12: FAULT_PIN_CONFIG register.
0x13: TWO_STAGE_READBACK_SELECT register.
0x14: DIGITAL_DIAG_RESULTS register.
0x15: ANALOG_DIAG_RESULTS register.
0x16: STATUS register.
0x17: CHIP_ID register.
0x18: FREQ_MONITOR register.
0x19: reserved (do not select this option).
0x1A: reserved (do not select this option).
0x1B: reserved (do not select this option).
0x1C: DEVICE_ID_3 register.
Digital Diagnostic Results Register
Address: 0x14, Reset: 0x14A000, Name: DIGITAL_DIAG_RESULTS
The DIGITAL_DIAG_RESULTS register contains an error flag for the on-chip digital diagnostic features, most of which are configurable using
the digital diagnostic configuration register. This register also contains a flag to indicate that a reset occurred, as well as a flag to indicate that the
calibration memory has not refreshed or that an invalid SPI access was attempted. With the exception of the CAL_MEM_UNREFRESHED and
SLEW_BUSY flags, a 1 must be written to all flags to update to the current value. The CAL_MEM_UNREFRESHED and SLEW_BUSY flags
automatically clear when the calibration memory refresh or output slew, respectively, is complete. When the corresponding enable bits in
the DIGITAL_DIAG_CONFIG register are not enabled, the respective flag bits read as zero.
Table 36. Bit Descriptions for DIGITAL_DIAG_RESULTS
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
This bit reflects the current status of the FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register Address.
0x0
R
15
CAL_MEM_UNREFRESHED
Calibration Memory Unrefreshed Flag. Modifying the RANGE bits in the
DAC_CONFIG register initiates a calibration memory refresh that asserts this bit.
Unlike the R/W-1-C bits in this register, this bit automatically clears when the
calibration memory refresh completes.
0x1
R
0: calibration memory refreshes.
1: calibration memory is unrefreshed (default on power-up). This bit asserts if the
RANGE bits are modified in the DAC_CONFIG register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com