Electronic Components Datasheet Search
  English  ▼

X  

AD5413 Datasheet(PDF) 37 Page - Analog Devices

Part # AD5413
Description  Single-Channel, 14-Bit Voltage and Current Output DAC with HART Connectivity
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5413 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD5413 Datasheet HTML 33Page - Analog Devices AD5413 Datasheet HTML 34Page - Analog Devices AD5413 Datasheet HTML 35Page - Analog Devices AD5413 Datasheet HTML 36Page - Analog Devices AD5413 Datasheet HTML 37Page - Analog Devices AD5413 Datasheet HTML 38Page - Analog Devices AD5413 Datasheet HTML 39Page - Analog Devices AD5413 Datasheet HTML 40Page - Analog Devices AD5413 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
Data Sheet
AD5413
Rev. 0 | Page 37 of 49
2. PERFORM CALIBRATION
MEMORY REFRESH
1. PERFORM HARDWARE OR
SOFTWARE RESET
WRITE
5. WRITE 0V/0mA DAC
CODE
IS CAL_MEM_
UNREFRESHED
= 0?
IS CAL_MEM_
UNREFRESHED
= 0?
IS WAIT
= 500µs?
WAIT = 0
N
WAIT = WAIT + 1
N
IS WAIT
= 300µs?
WAIT = 0
N
WAIT = WAIT + 1
N
ADDRESS[D23:D21]
REGISTER ADDRESS[D20:D16]
DATA[D15:D0]
ADDRESS[D23:D21]
REGISTER ADDRESS[D20:D16]
DATA[D15:D0]
SLIPBIT +AD[1:0]
0x08
0xFCBA
3. CLEAR RESET_
OCCURED BIT
WRITE
SLIPBIT +AD[1:0]
0x14
D13 = 1
ADDRESS[D23:D21]
REGISTER ADDRESS[D20:D16]
DATA[D15:D0]
ADDRESS[D23:D21]
REGISTER ADDRESS[D20:D16]
DATA[D15:D0]
4. CONFIGURE THE DAC
(OUTPUT DISABLED)
WRITE
SLIPBIT +AD[1:0]
SLIPBIT +AD[1:0]
0x06
D6 = 0
(OUTPUT DISABLED)
WRITE
0x01
DAC CODE
6. PERFORM LDAC COMMAND
ADDRESS[D23:D21]
REGISTER ADDRESS[D20:D16]
DATA[D15:D0]
SLIPBIT +AD[1:0]
WRITE
0x07
0x1DAC
7. CONFIGURE THE DAC
(OUTPUT ENABLED)
ADDRESS[D23:D21]
REGISTER ADDRESS[D20:D16]
DATA[D15:D0]
SLIPBIT +AD[1:0]
WRITE
0x06
D6 = 1
(OUTPUT ENABLED)
8. WRITE THE REQUIRED DAC
CODE
ADDRESS[D23:D21]
REGISTER ADDRESS[D20:D16]
DATA[D15:D0]
SLIPBIT +AD[1:0]
WRITE
0x01
DAC CODE
NOTES
1. A ? MEANS CONDITIONAL STATEMENT.
Figure 70. Example Configuration to Correctly Enable the Output (CRC Disabled for Simplicity)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com