Electronic Components Datasheet Search
  English  ▼

X  

AD5413 Datasheet(PDF) 27 Page - Analog Devices

Part # AD5413
Description  Single-Channel, 14-Bit Voltage and Current Output DAC with HART Connectivity
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5413 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD5413 Datasheet HTML 23Page - Analog Devices AD5413 Datasheet HTML 24Page - Analog Devices AD5413 Datasheet HTML 25Page - Analog Devices AD5413 Datasheet HTML 26Page - Analog Devices AD5413 Datasheet HTML 27Page - Analog Devices AD5413 Datasheet HTML 28Page - Analog Devices AD5413 Datasheet HTML 29Page - Analog Devices AD5413 Datasheet HTML 30Page - Analog Devices AD5413 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
Data Sheet
AD5413
Rev. 0 | Page 27 of 49
APPLICATIONS INFORMATION
VOLTAGE OUTPUT
Voltage Output Amplifier and +VSENSE Functionality
The voltage output amplifier can generate both unipolar and
bipolar output voltages. The amplifier can use an external
compensation capacitor connected to the AGND signal to drive
a 1 kΩ load in parallel with 2 μF.
Figure 60 shows the voltage output driving a load, RLOAD, on top
of a common-mode voltage (VCM) of ±10 V. An integrated 2 MΩ
resistor ensures that the amplifier loop is kept closed and
prevents potentially large and damaging voltages on VIOUT
because of the broken amplifier loop in applications where a
cable can disconnect from +VSENSE. If remote sensing of the load
is not required, connect +VSENSE directly to VIOUT via the 1 kΩ
series resistor and connect −VSENSE directly to AGND via the
external 1 kΩ series resistor.
VOUT
RANGE
SCALING
2MΩ
+VSENSE
–VSENSE
RLOAD
VIOUT
14-BIT
DAC
REFIN
AD5413
2MΩ
VCM
±10V
Figure 60. Voltage Output Load Connection
Driving Large Capacitive Loads
An additional external, 220 pF, nonpolarized compensation
capacitor allows the voltage output amplifier to drive capacitive
loads of up to 2 μF. This capacitor allows the AD5413 to drive
higher capacitive loads and reduce overshoot, but this capacitor
also increases the device settling time and negatively affects the
bandwidth of the system. Without the compensation capacitor,
capacitive loads of up to 10 nF can be driven.
Voltage Output Short-Circuit Protection
Under normal operation, the voltage output sinks and sources
up to 12 mA and maintains specified operation. The short-circuit
current is typically 15 mA. If a short circuit is detected, the
FAULT pin goes low and the VOUT_SC_ERR bit in the
ANALOG_DIAG_RESULTS register is set.
CURRENT OUTPUT
External Current Setting Resistor
As shown in Figure 57, RSET is an internal sense resistor that
forms part of the voltage to current conversion circuitry. The
stability of the output current value overtemperature depends
on the stability of the RSET value. To improve the output current
overtemperature stability, connect an external, 13.7 kΩ, low drift
resistor between the AD5413 RA pin and RB pin instead of the
internal resistor.
Table 1 shows the AD5413 performance specifications with both
the internal RSET resistor and an external 13.7 kΩ RSET resistor. The
external RSET resistor specification assumes an ideal resistor. The
actual device performance depends on the absolute value and
temperature coefficient of the resistor used. Therefore, the
resistor specifications directly affect the gain error of the output
and the TUE.
To arrive at the absolute worst case overall TUE of the output with
a particular external RSET resistor, add the percentage of the RSET
resistor absolute error (the absolute value of the error) to the TUE
of the AD5413 that is using the RSET external resistor shown in
Table 1 (expressed in % FSR). Consider the temperature coefficient
as well as the specifications of the external reference if this option is
used in the system.
The magnitude of the error (derived from summing the absolute
error and the temperature coefficient error of the external RSET
resistor and the external reference with the AD5413 TUE
specification) is unlikely to occur because the temperature
coefficient values of the individual components are unlikely to
exhibit the same drift polarity and an element of cancellation
occurs. For this reason, add the temperature coefficient values
with a root of squares method. To gain further TUE specification
improvement, perform a two-point calibration at zero-scale and
full-scale, which reduces the absolute errors of the voltage reference
and the RSET resistor.
Current Output Open-Circuit Detection
When in current output mode, if the available headroom falls
below the compliance range because of an open-loop circuit or
an insufficient power supply voltage, the IOUT_OC_ERR bit
flag in the ANALOG_DIAG_RESULTS register is asserted and
the FAULT pin goes low.
HART CONNECTIVITY
A HART signal can be ac-coupled onto the AD5413 CHART pin. The
HART signal appears on the current output if the HART_EN bit in
the GP_CONFIG1 register as well as the VIOUT output are enabled.
Figure 61 shows the recommended circuit for attenuating and
coupling the HART signal into the AD5413. To achieve 1 mA p-p
at the VIOUT pin, a signal of approximately 125 mV p-p is required
at the CHART pin. The HART signal on the VIOUT pin is inverted
relative to the signal input at the CHART pin.
In addition to being used to attenuate the incoming HART modem
signal, a minimum capacitance of the C1 and C2 capacitors is
required to ensure that the bandwidth presented to the modem
output signal allows the 1.2 kHz and 2.2 kHz frequencies through
the capacitors. Assuming a HART signal of 500 mV p-p, the
recommended capacitance values are C1 = 47 nF and C2 = 150 nF.
Digitally controlling the output slew rate is required to meet the
analog rate of change requirements for the HART protocol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com