Electronic Components Datasheet Search
  English  ▼

X  

AD5413 Datasheet(PDF) 38 Page - Analog Devices

Part # AD5413
Description  Single-Channel, 14-Bit Voltage and Current Output DAC with HART Connectivity
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5413 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD5413 Datasheet HTML 34Page - Analog Devices AD5413 Datasheet HTML 35Page - Analog Devices AD5413 Datasheet HTML 36Page - Analog Devices AD5413 Datasheet HTML 37Page - Analog Devices AD5413 Datasheet HTML 38Page - Analog Devices AD5413 Datasheet HTML 39Page - Analog Devices AD5413 Datasheet HTML 40Page - Analog Devices AD5413 Datasheet HTML 41Page - Analog Devices AD5413 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
AD5413
Data Sheet
Rev. 0 | Page 38 of 49
REGISTER MAP
Table 21. Register Summary
Address
Name
Description
Reset
Access
0x00
NOP
NOP register
0x000000
R0/W
0x01
DAC_INPUT
DAC input register
0x010000
R/W
0x02
DAC_OUTPUT
DAC output register
0x020000
R
0x03
CLEAR_CODE
Clear code register
0x030000
R/W
0x04
USER_GAIN
User gain register
0x04FFFC
R/W
0x05
USER_OFFSET
User offset register
0x058000
R/W
0x06
DAC_CONFIG
DAC configuration register
0x060C00
R/W
0x07
SW_LDAC
Software LDAC register
0x070000
R0/W
0x08
KEY
Key register
0x080000
R0/W
0x09
GP_CONFIG1
General-Purpose Configuration 1 register
0x090204
R/W
0x0A
GP_CONFIG2
General-Purpose Configuration 2 register
0x0A0200
R/W
0x0B
RESERVED
Reserved
0x0B0000
R/W
0x0C
RESERVED
Reserved
0x0C0100
R/W
0x0D
RESERVED
Reserved
0x0D0000
R/W
0x0E
RESERVED
Reserved
0x0E0000
R/W
0x0F
RESERVED
Reserved
0x0F0009
R/W
0x10
DIGITAL_DIAG_CONFIG
Digital diagnostic configuration register
0x10005D
R/W
0x11
RESERVED
Reserved
0x110000
R/W
0x12
FAULT_PIN_CONFIG
FAULT pin configuration register
0x120000
R/W
0x13
TWO_STAGE_READBACK_SELECT
Two-stage readback select register
0x130000
R/W
0x14
DIGITAL_DIAG_RESULTS
Digital diagnostic results register
0x14A000
R/W-1-C
0x15
ANALOG_DIAG_RESULTS
Analog diagnostic results register
0x150000
R/W-1-C
0x16
STATUS
Status register
0x160000
R
0x17
CHIP_ID
Chip ID register
0x170101
R
0x18
FREQ_MONITOR
Frequency monitor register
0x180000
R
0x19
RESERVED
Reserved
0x190000
R
0x1A
RESERVED
Reserved
0x1A0000
R
0x1B
RESERVED
Reserved
0x1B0000
R
0x1C
DEVICE_ID_3
Generic ID register
0x1C0000
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com