Electronic Components Datasheet Search
  English  ▼

X  

AD5413 Datasheet(PDF) 47 Page - Analog Devices

Part # AD5413
Description  Single-Channel, 14-Bit Voltage and Current Output DAC with HART Connectivity
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5413 Datasheet(HTML) 47 Page - Analog Devices

Back Button AD5413 Datasheet HTML 41Page - Analog Devices AD5413 Datasheet HTML 42Page - Analog Devices AD5413 Datasheet HTML 43Page - Analog Devices AD5413 Datasheet HTML 44Page - Analog Devices AD5413 Datasheet HTML 45Page - Analog Devices AD5413 Datasheet HTML 46Page - Analog Devices AD5413 Datasheet HTML 47Page - Analog Devices AD5413 Datasheet HTML 48Page - Analog Devices AD5413 Datasheet HTML 49Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 47 / 49 page
background image
Data Sheet
AD5413
Rev. 0 | Page 47 of 49
Status Register
Address: 0x16, Reset: 0x160000, Name: STATUS
The STAUS register contains status bits, as well as the, OR'd analog and digital diagnostics and the FAULT pin status bits.
Table 38. Bit Descriptions for STATUS
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
This bit reflects the current status of the FAULT pin.
0x0
R
20
DIG_DIAG_STATUS
This bit represents the result of a logical OR of the contents of Bits[15:0] in the DIGITAL_DIAG_
RESULTS register (except for the SLEW_BUSY bit). If any of these bits are high, the
DIG_DIAG_STATUS bit is high. Note that this bit is high on power-up because of the
active RESET_OCCURRED flag bit.
0x1
R
A quiet mode is also available (SPI_DIAG_QUIET_EN in the GP_CONFIG1 register), in which the
logical OR function only incorporates Bits[15:3] of the DIGITAL_DIAG_RESULTS register
(except for the SLEW_BUSY bit). If an SPI CRC, SPI slip bit, or SCLK count error occurs, the
DIG_DIAG_STATUS bit is not set high.
19
ANA_DIAG_STATUS
This bit represents the result of a logical OR of the contents of Bits[13:0] in the ANALOG_DIAG_
RESULTS register. If any bit in the ANALOG_DIAG_RESULTS register is high, the ANA_DIAG_
STATUS bit is high.
0x0
R
[18:0]
RESERVED
Reserved.
0x0
R
Chip ID Register
Address: 0x17, Reset: 0x170101, Name: CHIP_ID
The CHIP_ID register contains the chip ID of the die.
Table 39. Bit Descriptions for CHIP_ID
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
This bit reflects the current status of the FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register Address.
0x0
R
[15:11]
RESERVED
Reserved.
0x0
R0
[10:8]
RESERVED
Reserved.
0x0
R0
[7:0]
DIE_CHIP_ID
These bits reflect the revision number of the die.
0x2
R
Frequency Monitor Register
Address: 0x18, Reset: 0x180000, Name: FREQ_MONITOR
An internal frequency monitor uses the MCLK to create a pulse at a frequency of 1 kHz (MCLK/10,000). This pulse increments a 16-bit counter.
The value of the counter is available to read in the FREQ_MONITOR register. The user can poll this register periodically and use it as a
diagnostic tool for MCLK (to monitor whether the oscillator is running) and to measure the frequency. This feature is enabled by default via the
FREQ_MON_EN bit in the DIGITAL_DIAG_CONFIG register and allows a robustness check of MCLK.
Table 40. Bit Descriptions for FREQ_MONITOR
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
This bit reflects the current status of the FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register Address.
0x0
R
[15:0]
FREQ_MONITOR
Internal Clock Counter Value.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com