Electronic Components Datasheet Search
  English  ▼

X  

AD5413 Datasheet(PDF) 35 Page - Analog Devices

Part # AD5413
Description  Single-Channel, 14-Bit Voltage and Current Output DAC with HART Connectivity
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5413 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD5413 Datasheet HTML 31Page - Analog Devices AD5413 Datasheet HTML 32Page - Analog Devices AD5413 Datasheet HTML 33Page - Analog Devices AD5413 Datasheet HTML 34Page - Analog Devices AD5413 Datasheet HTML 35Page - Analog Devices AD5413 Datasheet HTML 36Page - Analog Devices AD5413 Datasheet HTML 37Page - Analog Devices AD5413 Datasheet HTML 38Page - Analog Devices AD5413 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
Data Sheet
AD5413
Rev. 0 | Page 35 of 49
Table 18. SDO Contents for Read Operation
MSB
LSB
[D23:D22]
D21
[D20:16]
[D15:D0]
0b10
FAULT pin status
Register address
Data
Table 19. Reading from a Register Using Two-Stage Readback Mode
MSB
LSB
D23
D22
D21
D20
D19
D18
D17
D16
[D15:D5]
D4
D3
D2
D1
D0
AD1
AD1
AD0
0x13
Reserved
READBACK_SELECT[4:0]
Table 20. SDO Contents for a Read Operation on the Status Register
MSB
LSB
D23
D22
D21
D20
D19
[D18:D0]
1
0
FAULT_PIN_STATUS
DIG_DIAG_STATUS
ANA_DIAG_STATUS
Reserved
SYNC
INPUT WORD SPECIFIES
REGISTER TO BE READ
*NOP
SDI
UNDEFINED
SELECTED REGISTER DATA
CLOCKED OUT
SDO
SCLK
24/
32
1
24/
32
1
*SELECTED REGISTER DATA
*THIS OPERATION IS OPTIONAL.
CLOCKED OUT
24/
32
1
2-STAGE READBACK
*ALTERNATIVELY COULD
WRITE ANOTHER
2-STAGE READBACK
NOP
Figure 66. Two-Stage Readback Example
SYNC
ASSUME AUTOSTATUS
READBACK IS ALREADY
ENABLED
SDI
CONTENTS OF STATUS
REGISTER CLOCKED OUT
SDO
SCLK
24/
32
1
24/
32
1
24/
32
1
CONTENTS OF STATUS
REGISTER CLOCKED OUT
CONTENTS OF STATUS
REGISTER CLOCKED OUT
ANY WRITE COMMAND
ANY WRITE COMMAND
ANY WRITE COMMAND
Figure 67. Autostatus Readback Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com