Electronic Components Datasheet Search
  English  ▼

X  

AD5413 Datasheet(PDF) 25 Page - Analog Devices

Part # AD5413
Description  Single-Channel, 14-Bit Voltage and Current Output DAC with HART Connectivity
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5413 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD5413 Datasheet HTML 21Page - Analog Devices AD5413 Datasheet HTML 22Page - Analog Devices AD5413 Datasheet HTML 23Page - Analog Devices AD5413 Datasheet HTML 24Page - Analog Devices AD5413 Datasheet HTML 25Page - Analog Devices AD5413 Datasheet HTML 26Page - Analog Devices AD5413 Datasheet HTML 27Page - Analog Devices AD5413 Datasheet HTML 28Page - Analog Devices AD5413 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
Data Sheet
AD5413
Rev. 0 | Page 25 of 49
THEORY OF OPERATION
The AD5413 is a single-channel, 14-bit voltage and current
output DAC that meets the requirements of industrial factory
automation and process control applications. The device
provides a high precision, fully integrated, single-chip solution to
generate a unipolar current, bipolar current, or voltage output.
DAC ARCHITECTURE
The DAC core architecture of the AD5413 consists of a voltage
mode R-2R DAC ladder network. The DAC core voltage output
is converted to either a current output or a voltage output at the
VIOUT pin. Only one mode can be enabled at a time. The voltage
and current output stages are both supplied by the AVDD1 power
rail and the AVSS power rail.
Current Output Mode
When current output mode is enabled, the DAC voltage output is
converted to a current that is mirrored to the supply rail so that
the application only sees a current source output (see Figure 57).
An internal or external 13.7 kΩ RSET resistor can be used for the
voltage to current conversion.
RB
VIOUT
RSET
AVSS
AVDD1
R1
R4
R2
R3
RA
IOUT
OPEN FAULT
14-BIT
DAC
Figure 57. Voltage to Current Conversion Circuitry
Voltage Output Mode
When voltage output mode is enabled, the DAC voltage output
is buffered and scaled to output a software selectable, unipolar or
bipolar voltage range (see Figure 58).
The available voltage output range is ±10.5 V. A 20% overrange
feature is also available via the DAC_CONFIG register.
RANGE
SCALING
DAC
VOUT SHORT FAULT
+VSENSE
–VSENSE
VIOUT
Figure 58. Voltage Output Architecture
Reference
The AD5413 can operate with either an external or internal
reference. The reference input requires a 2.5 V reference for
specified performance. This input voltage is internally buffered
before being applied to the DAC.
The AD5413 has an integrated, buffered, 2.5 V voltage reference
that is externally available for use elsewhere within the system. To
use the internal reference to drive the DAC, connect the
REFOUT pin to the REFIN pin.
SPI
The AD5413 is controlled over a versatile, 4-wire SPI that
operates at clock rates of up to 50 MHz and is compatible with
SPI, QSPI, MICROWIRE, and DSP standards. Data coding is
always straight binary.
Input Shift Register
With the SPI CRC enabled (default state), the input shift register is
32 bits wide. Data is loaded to the device MSB first as a 32-bit word
under the control of SCLK. Data is clocked in on the falling edge of
SCLK. If the CRC is disabled, the serial interface reduces to 24 bits.
In this case, a 32-bit frame is still accepted, but the last 8 bits are
ignored. See the AD5413 Register section for full details on the
registers that can be addressed via the SPI interface.
Table 8. Writing to a Register (CRC Enabled)
MSB
LSB
D31
[D30:D29]
[D28:D24]
[D23:D8]
[D7:D0]
Slip bit
AD5413 address
Register address
Data
CRC
Transfer Function
Table 9 shows the ideal output voltage to AD5413 input code
relationship for straight binary data coding of the ±10.5 V output
range. The lower 2 bits are unused and must not be written to.
Table 9. Ideal Output Voltage to Input Code Relationship1
Digital Input, Straight Binary
Data Coding
Analog Output
MSB
LSB2
VOUT (V)
1111
1111
1111
11XX
10.5 × (8192/8192)
1111
1111
1111
10XX
10.5 × (8191/8192)
1000
0000
0000
00XX
0
0000
0000
0000
01XX
−10.5 × (8191/8192)
0000
0000
0000
00XX
−10.5
1 Assuming a 2.5 V voltage reference.
2 X means do not write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com