Electronic Components Datasheet Search
  English  ▼

X  

AD5413 Datasheet(PDF) 42 Page - Analog Devices

Part # AD5413
Description  Single-Channel, 14-Bit Voltage and Current Output DAC with HART Connectivity
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5413 Datasheet(HTML) 42 Page - Analog Devices

Back Button AD5413 Datasheet HTML 38Page - Analog Devices AD5413 Datasheet HTML 39Page - Analog Devices AD5413 Datasheet HTML 40Page - Analog Devices AD5413 Datasheet HTML 41Page - Analog Devices AD5413 Datasheet HTML 42Page - Analog Devices AD5413 Datasheet HTML 43Page - Analog Devices AD5413 Datasheet HTML 44Page - Analog Devices AD5413 Datasheet HTML 45Page - Analog Devices AD5413 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 49 page
background image
AD5413
Data Sheet
Rev. 0 | Page 42 of 49
Key Register
Address: 0x08, Reset: 0x080000, Name: KEY
The KEY register accepts specific key codes to perform tasks such as calibration memory refresh and software reset. Bits[15:0] of this
register always read back as 0x0000. All unlisted key codes are reserved.
Table 30. Bit Descriptions for KEY
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
This bit reflects the current status of the FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register Address.
0x0
R
[15:0]
KEY_CODE
Key Code.
0x0
R0/W
0x15FA: first of two keys to initiate a software reset.
0xAF51: second of two keys to initiate a software reset.
0xFCBA: key to initiate a calibration memory refresh to the shadow registers. This key is only
valid the first time it is run and has no effect if subsequent writes occur within a given system
reset cycle.
General-Purpose Configuration 1 Register
Address: 0x09, Reset: 0x090204, Name: GP_CONFIG1
The GP_CONFIG1 register configures functions such as the temperature comparator threshold and enables other miscellaneous features.
Table 31. Bit Descriptions for GP_CONFIG1
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
This bit reflects the current status of the FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register Address.
0x0
R
[15:14]
RESERVED
Reserved.
0x0
R
[13:12]
SET_TEMP_THRESHOLD
Temperature Comparator Threshold Value Setting.
0x0
R/W
00: 142°C (default).
01: 127°C.
10: 112°C.
11: 97°C.
[11:10]
RESERVED
Reserved.
0x0
R/W
[9:7]
RESERVED
Reserved.
0x4
R/W
6
HART_EN
Path to CHART Pin Enable.
0x0
R/W
0: DAC output drives the output stage directly (default).
1: CHART path is coupled to the DAC output to allow a HART modem connection or a
slew capacitor connection of a slew capacitor.
5
RESERVED
Reserved.
0x0
R/W
4
CLEAR_NOW_EN
Enables the clear code to update the DAC immediately, even if the output slew
feature is currently enabled.
0x0
R/W
0: disable (default).
1: enable.
3
SPI_DIAG_QUIET_EN
SPI Diagnostic Quiet Mode Enable. When this bit is enabled, the SPI_CRC_ERR,
SLIPBIT_ERR, and SCLK_COUNT_ERR bits are not included in the logical OR calculation,
which creates the DIG_DIAG_STATUS bit in the status register. These bits are also masked
from affecting the FAULT pin if this bit is set.
0x0
R/W
0: disable (default).
1: enable.
2
OSC_STOP_DETECT_EN
Enables automatic 0x07DEAD code on SDO if the MCLK stops.
0x1
R/W
0: disable.
1: enable (default).
1
RESERVED
Reserved.
0x0
R/W
0
VIOUT_PULLDOWN_EN
VIOUT 30 kΩ Pull-Down Resistor to AGND Enable.
0x0
R/W
0: disable (default).
1: enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com