Electronic Components Datasheet Search
  English  ▼

X  

AD5413 Datasheet(PDF) 24 Page - Analog Devices

Part # AD5413
Description  Single-Channel, 14-Bit Voltage and Current Output DAC with HART Connectivity
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5413 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5413 Datasheet HTML 20Page - Analog Devices AD5413 Datasheet HTML 21Page - Analog Devices AD5413 Datasheet HTML 22Page - Analog Devices AD5413 Datasheet HTML 23Page - Analog Devices AD5413 Datasheet HTML 24Page - Analog Devices AD5413 Datasheet HTML 25Page - Analog Devices AD5413 Datasheet HTML 26Page - Analog Devices AD5413 Datasheet HTML 27Page - Analog Devices AD5413 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
AD5413
Data Sheet
Rev. 0 | Page 24 of 49
Slew Rate
The device slew rate is a limitation in the rate of change of the
output voltage. The output slewing speed of a voltage output
DAC is typically limited by the slew rate of the amplifier used
at the output. Slew rate is measured from 10% to 90% of the
output signal and is expressed in V/μs.
Power-On Glitch Energy
Power-on glitch energy is the impulse injected into the analog
output when the AD5413 is powered on. Power-on glitch
energy is specified as the area of the glitch in nV-sec.
Digital-to-Analog Glitch Energy
Digital-to-analog glitch energy is the energy of the impulse
injected into the analog output when the input code in the
DAC output register changes state. Digital-to-analog glitch
energy is normally specified as the area of the glitch in nV-sec.
The worst case of the glitch typically occurs when the digital
input code is changed by 1 LSB at the major carry transition.
Glitch Impulse Peak Amplitude
Glitch impulse peak amplitude is the peak amplitude of the
impulse injected into the analog output when the input code in
the DAC output register changes state. Glitch impulse peak
amplitude is specified as the amplitude of the glitch in mV and
the worst case of the glitch typically occurs when the digital
input code is changed by 1 LSB at the major carry transition.
Digital Feedthrough
Digital feedthrough is a measure of the impulse injected into
the DAC analog output from the DAC digital inputs. However,
the digital feedthrough is measured when the DAC output is
not updated, which occurs when the LDAC pin is held high.
The digital feedthrough is specified in nV-sec and is measured
with a full-scale code change on the data bus.
Power Supply Rejection Ratio (PSRR)
PSRR indicates how the DAC output is affected by changes in the
power supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com