Electronic Components Datasheet Search
  English  ▼

X  

AD9162BBCZ Datasheet(PDF) 33 Page - Analog Devices

Part # AD9162BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9162BBCZ Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9162BBCZ Datasheet HTML 29Page - Analog Devices AD9162BBCZ Datasheet HTML 30Page - Analog Devices AD9162BBCZ Datasheet HTML 31Page - Analog Devices AD9162BBCZ Datasheet HTML 32Page - Analog Devices AD9162BBCZ Datasheet HTML 33Page - Analog Devices AD9162BBCZ Datasheet HTML 34Page - Analog Devices AD9162BBCZ Datasheet HTML 35Page - Analog Devices AD9162BBCZ Datasheet HTML 36Page - Analog Devices AD9162BBCZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 144 page
background image
Data Sheet
AD9161/AD9162
Rev. D | Page 33 of 33
IOUTFS = 40 mA, fDAC = 5.0 GSPS, nominal supplies, TA = 25°C, unless otherwise noted.
800
1000
1200
1400
1600
1800
2000
2200
fOUT (MHz)
–70
–80
–60
–65
–75
–85
–90
FIRST ACLR
SECOND ACLR
Figure 88. Single-Carrier, W-CDMA ACLR vs. fOUT (First ACLR, Second ACLR)
800
1000
1200
1400
1600
1800
2000
2200
fOUT (MHz)
–70
–80
–60
–65
–75
–85
–90
THIRD ACLR
FOURTH ACLR
FIFTH ACLR
Figure 89. Single-Carrier, W-CDMA ACLR vs. fOUT (Third ACLR, Fourth ACLR,
Fifth ACLR)
OFFSET OVER
fOUT (Hz)
–60
–80
–100
–120
–140
–160
–180
10
100
1k
10k
100k
1M
10M
100M
70MHz
900MHz
1800MHz
3900MHz
CLOCK SOURCE
Figure 90. SSB Phase Noise vs. Offset over fOUT, fDAC = 4000 MSPS
(Two Different DAC Clock Sources Used for Best Composite Curve)
800
1000
1200
1400
1600
1800
2000
2200
fOUT (MHz)
–70
–80
–60
–65
–75
–85
–90
FIRST ACLR
SECOND ACLR
Figure 91. Two-Carrier, W-CDMA ACLR vs. fOUT (First ACLR, Second ACLR)
800
1000120014001600180020002200
fOUT (MHz)
–70
–80
–60
–65
–75
–85
–90
THIRD ACLR
FOURTH ACLR
FIFTH ACLR
Figure 92. Two-Carrier, W-CDMA ACLR vs. fOUT (Third ACLR, Fourth ACLR,
Fifth ACLR)
OFFSET OVER
fOUT (Hz)
–60
–80
–100
–120
–140
–160
–180
10
100
1k
10k
100k
1M
10M
100M
70MHz
900MHz
1800MHz
3900MHz
CLOCK SOURCE
Figure 93. SSB Phase Noise vs. Offset over fOUT, fDAC = 6000 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com