Electronic Components Datasheet Search
  English  ▼

X  

AD9162BBCZ Datasheet(PDF) 91 Page - Analog Devices

Part # AD9162BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9162BBCZ Datasheet(HTML) 91 Page - Analog Devices

Back Button AD9162BBCZ Datasheet HTML 87Page - Analog Devices AD9162BBCZ Datasheet HTML 88Page - Analog Devices AD9162BBCZ Datasheet HTML 89Page - Analog Devices AD9162BBCZ Datasheet HTML 90Page - Analog Devices AD9162BBCZ Datasheet HTML 91Page - Analog Devices AD9162BBCZ Datasheet HTML 92Page - Analog Devices AD9162BBCZ Datasheet HTML 93Page - Analog Devices AD9162BBCZ Datasheet HTML 94Page - Analog Devices AD9162BBCZ Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 144 page
background image
Data Sheet
AD9161/AD9162
Rev. D | Page 91 of 144
REGISTER DETAILS
Table 46. Register Details
Hex.
Addr. Name
Bits Bit Name
Settings
Description
Reset
Access
0x000 SPI_INTFCONFA
7
SOFTRESET_M
Soft reset (mirror). Set this to
mirror Bit 0.
0x0
R
6
LSBFIRST_M
LSB first (mirror). Set this to
mirror Bit 1.
0x0
R
5
ADDRINC_M
Addr increment (mirror). Set
this to mirror Bit 2.
0x0
R
4
SDOACTIVE_M
SDO active (mirror). Set this to
mirror Bit 3.
0x0
R
3
SDOACTIVE
SDO active. Enables 4-wire SPI
bus mode.
0x0
R/W
2
ADDRINC
Address increment. When set,
causes incrementing streaming
addresses; otherwise,
descending addresses are
generated.
0x0
R/W
1 Streaming addresses are
incremented.
0 Streaming addresses are
decremented.
1
LSBFIRST
LSB first. When set, causes input
and output data to be oriented
as LSB first. If this bit is clear,
data is oriented as MSB first.
0x0
R/W
1 Shift LSB in first.
0 Shift MSB in first.
0
SOFTRESET
Soft reset. This bit automatically
clears to 0 after performing a
reset operation. Setting this bit
initiates a reset. This bit is
autoclearing after the soft reset
is complete.
0x0
R/W
1 Pulse the soft reset line.
0 Reset the soft reset line.
0x001 SPI_INTFCONFB
7
SINGLEINS
Single instruction.
0x0
R/W
1 Perform single transfers.
0 Perform multiple transfers.
6
CSSTALL
CS stalling.
0x0
R/W
0 Disable CS stalling.
1 Enable CS stalling.
[5:3] RESERVED
Reserved.
0x0
R/W
2
SOFTRESET1
Soft Reset 1. This bit
automatically clears to 0 after
performing a reset operation.
0x0
R/W
1 Pulse the Soft Reset 1 line.
0 Pulse the Soft Reset 1 line.
1
SOFTRESET0
Soft Reset 0. This bit
automatically clears to 0 after
performing a reset operation.
0x0
R/W
1 Pulse the Soft Reset 0 line.
0 Pulse the Soft Reset 0 line.
0
RESERVED
Reserved.
0x0
R
0x003 SPI_CHIPTYPE
[7:0] CHIP_TYPE
Chip type.
0x0
R
0x004 SPI_PRODIDL
[7:0] PROD_ID[7:0]
Product ID.
0x0
R
0x005 SPI_PRODIDH
[7:0] PROD_ID[15:8]
Product ID.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com