Electronic Components Datasheet Search
  English  ▼

X  

AD9162BBCZ Datasheet(PDF) 77 Page - Analog Devices

Part # AD9162BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9162BBCZ Datasheet(HTML) 77 Page - Analog Devices

Back Button AD9162BBCZ Datasheet HTML 73Page - Analog Devices AD9162BBCZ Datasheet HTML 74Page - Analog Devices AD9162BBCZ Datasheet HTML 75Page - Analog Devices AD9162BBCZ Datasheet HTML 76Page - Analog Devices AD9162BBCZ Datasheet HTML 77Page - Analog Devices AD9162BBCZ Datasheet HTML 78Page - Analog Devices AD9162BBCZ Datasheet HTML 79Page - Analog Devices AD9162BBCZ Datasheet HTML 80Page - Analog Devices AD9162BBCZ Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 144 page
background image
Data Sheet
AD9161/AD9162
Rev. D | Page 77 of 77
ANALOG INTERFACE CONSIDERATIONS
ANALOG MODES OF OPERATION
The AD9161/AD9162 use the quad-switch architecture shown in
Figure 180. Only one pair of switches is enabled during a half-clock
cycle, thus requiring each pair to be clocked on alternative clock
edges. A key benefit of the quad-switch architecture is that it masks
the code dependent glitches that occur in the conventional two-
switch DAC architecture.
VG1
VSSA
IOUTP
IOUTN
VG1VG2VG3VG4
CLK±
CLK
LATCHES
DATA INPUT
VG2
VG3
VG4
Figure 180. Quad-Switch Architecture
In two-switch architecture, when a switch transition occurs and
D1 and D2 are in different states, a glitch occurs. However, if D1
and D2 happen to be at the same state, the switch transitions and
no glitches occur. This code dependent glitching causes an
increased amount of distortion in the DAC. In quad-switch
architecture (no matter what the codes are), there are always
two switches that are transitioning at each half-clock cycle, thus
eliminating the code-dependent glitches but, in the process,
creating a constant glitch at 2 × fDAC. For this reason, a significant
clock spur at 2 × fDAC is evident in the DAC output spectrum.
INPUT
DATA
DACCLK_x
TWO-SWITCH
DAC OUTPUT
FOUR-SWITCH
DAC OUTPUT
(NORMAL MODE)
t
D1 D2 D3 D4 D5
D6 D7 D8 D9 D10
D6 D7 D8 D9 D10
D1 D2 D3
D4
D5
D6 D7 D8 D9 D10
D1 D2 D3 D4 D5
t
Figure 181. Two-Switch and Quad-Switch DAC Waveforms
As a consequence of the quad-switch architecture enabling
updates on each half-clock cycle, it is possible to operate that
DAC core at 2× the DAC clock rate if new data samples are latched
into the DAC core on both the rising and falling edge of the
DAC clock. This notion serves as the basis when operating the
AD9161/AD9162 in either Mix-Mode or return to zero (RZ)
mode. In each case, the DAC core is presented with new data
samples on each clock edge: in RZ mode, the rising edge clocks
data and the falling edge clocks zero, while in Mix-Mode; the
falling edge sample is simply the complement of the rising edge
sample value.
When Mix-Mode is used, the output is effectively chopped at
the DAC sample rate. This chopping has the effect of reducing
the power of the fundamental signal while increasing the power
of the images centered around the DAC sample rate, thus
improving the dynamic range of these images.
INPUT
DATA
DACCLK_x
FOUR-SWITCH
DAC OUTPUT
(
fS MIX-MODE)
–D6
–D7
–D8
–D9
–D10
D6
D7
D8
D9
D10
–D1
–D2
–D3
–D4
–D5
D1
D2
D3
D4
D5
D6 D7 D8 D9 D10
D1 D2
D3 D4 D5
t
Figure 182. Mix-Mode Waveform
This ability to change modes provides the user the flexibility to
place a carrier anywhere in the first three Nyquist zones, depending
on the operating mode selected. Switching between baseband
and Mix-Mode reshapes the sinc roll-off inherent at the DAC
output. In baseband mode, the sinc null appears at fDACCLK because
the same sample latched on the rising clock edge is also latched
again on the falling clock edge, thus resulting in the same ubiqui-
tous sinc response of a traditional DAC. In Mix-Mode, the
complement sample of the rising edge is latched on the falling
edge, therefore pushing the sinc null to 2 × fDACCLK. Figure 183
shows the ideal frequency response of the three modes with the
sinc roll-off included.
FREQUENCY (Hz)
0FS
1.50FS
1.25FS
1.00FS
0.75FS
0.50FS
0.25FS
–35
–30
–25
–20
–15
–10
–5
0
FIRST
NYQUIST ZONE
SECOND
NYQUIST ZONE
THIRD
NYQUIST ZONE
MIX-MODE
RZ MODE
NORMAL
MODE
Figure 183. Sinc Roll-Off for NRZ, RZ, and Mix-Mode Operation
The quad-switch can be configured via SPI (Register 0x152,
Bits[1:0]) to operate in either NRZ mode (0b00), RZ mode
(0b10), or Mix-Mode (0b01). The AD9161/AD9162 have an
additional frequency response characteristic due to the FIR85
filter. This filter samples data on both the rising and falling
edges of the DAC clock, in essence doubling the input clock
frequency. As a result, the NRZ (normal) mode roll-off in
Figure 183 is extended to 2 × fDAC in Figure 183, and follows the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com