Electronic Components Datasheet Search
  English  ▼

X  

AD9162BBCZ Datasheet(PDF) 55 Page - Analog Devices

Part # AD9162BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9162BBCZ Datasheet(HTML) 55 Page - Analog Devices

Back Button AD9162BBCZ Datasheet HTML 51Page - Analog Devices AD9162BBCZ Datasheet HTML 52Page - Analog Devices AD9162BBCZ Datasheet HTML 53Page - Analog Devices AD9162BBCZ Datasheet HTML 54Page - Analog Devices AD9162BBCZ Datasheet HTML 55Page - Analog Devices AD9162BBCZ Datasheet HTML 56Page - Analog Devices AD9162BBCZ Datasheet HTML 57Page - Analog Devices AD9162BBCZ Datasheet HTML 58Page - Analog Devices AD9162BBCZ Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 144 page
background image
Data Sheet
AD9161/AD9162
Rev. D | Page 55 of 144
ILAS
ILAS
FIXED DELAY
VARIABLE
DELAY
POWER CYCLE
VARIANCE
DATA
LMFC
ALIGNED DATA
AT Rx OUTPUT
DATA AT
Tx INPUT
DATA
DSP
CHANNEL
LOGIC DEVICE
(JESD204B Tx)
JESD204B Rx
DAC
LINK DELAY = DELAYFIXED + DELAYVARIABLE
Figure 154. JESD204B Link Delay = Fixed Delay + Variable Delay
Link Delay
The link delay of a JESD204B system is the sum of the fixed and
variable delays from the transmitter, channel, and receiver as
shown in Figure 154.
For proper functioning, all lanes on a link must be read during
the same LMFC period. Section 6.1 of the JESD204B specifica-
tion states that the LMFC period must be larger than the maximum
link delay. For the AD9161/AD9162, this is not necessarily the
case; instead, the AD9161/AD9162 use a local LMFC for each
link (LMFCRx) that can be delayed from the SYSREF± aligned
LMFC. Because the LMFC is periodic, this delay can account
for any amount of fixed delay. As a result, the LMFC period
must only be larger than the variation in the link delays, and the
AD9161/AD9162 can achieve proper performance with a smaller
total latency. Figure 155 and Figure 156 show a case where the link
delay is greater than an LMFC period. Note that it can be
accommodated by delaying LMFCRx.
ILAS
DATA
POWER CYCLE
VARIANCE
LMFC
ALIGNED DATA
EARLY ARRIVING
LMFC REFERENCE
LATE ARRIVING
LMFC REFERENCE
Figure 155. Link Delay > LMFC Period Example
ILAS
DATA
FRAME CLOCK
POWER CYCLE
VARIANCE
LMFC
ALIGNED DATA
LMFCRX
LMFC_DELAY
LMFC REFERENCE FOR ALL POWER CYCLES
Figure 156. LMFC_DELAY_x to Compensate for Link Delay > LMFC
The method to select the LMFCDel (Register 0x304) and
LMFCVar (Register 0x306) variables is described in the Link
Delay Setup Example, With Known Delays section.
Setting LMFCDel appropriately ensures that all the corresponding
data samples arrive in the same LMFC period. Then LMFCVar
is written into the receive buffer delay (RBD) to absorb all link
delay variation. This write ensures that all data samples have
arrived before reading. By setting these to fixed values across
runs and devices, deterministic latency is achieved.
The RBD described in the JESD204B specification takes values
from 1 frame clock cycle to K frame clock cycles, and the RBD
of the AD9161/AD9162 takes values from 0 PCLK cycle to
10 PCLK cycles. As a result, up to 10 PCLK cycles of total delay
variation can be absorbed. LMFCVar and LMFCDel are both in
PCLK cycles. The PCLK factor, or number of frame clock cycles
per PCLK cycle, is equal to 4/F. For more information on this
relationship, see the Clock Relationships section.
Two examples follow that show how to determine LMFCVar
and LMFCDel. After they are calculated, write LMFCDel into
Register 0x304 for all devices in the system, and write LMFCVar
to Register 0x306 for all devices in the system.
Link Delay Setup Example, With Known Delays
All the known system delays can be used to calculate LMFCVar
and LMFCDel.
The example shown in Figure 157 is demonstrated in the
following steps. Note that this example is in Subclass 1 to
achieve deterministic latency, which has a PCLK factor (4/F) of
2 frame clock cycles per PCLK cycle, and uses K = 32
(frames/multiframe). Because PCBFixed << PCLK Period, PCB
Fixed is negligible in this example and not included in the
calculations.
1. Find the receiver delays using Table 7.
RxFixed = 12 PCLK cycles
RxVar = 2 PCLK cycles
2. Find the transmitter delays. The equivalent table in the
example JESD204B core (implemented on a GTH or GTX
gigabit transceiver on a Virtex-6 FPGA) states that the
delay is 56 ± 2 byte clock cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com