Electronic Components Datasheet Search
  English  ▼

X  

AD9162BBCZ Datasheet(PDF) 98 Page - Analog Devices

Part # AD9162BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9162BBCZ Datasheet(HTML) 98 Page - Analog Devices

Back Button AD9162BBCZ Datasheet HTML 94Page - Analog Devices AD9162BBCZ Datasheet HTML 95Page - Analog Devices AD9162BBCZ Datasheet HTML 96Page - Analog Devices AD9162BBCZ Datasheet HTML 97Page - Analog Devices AD9162BBCZ Datasheet HTML 98Page - Analog Devices AD9162BBCZ Datasheet HTML 99Page - Analog Devices AD9162BBCZ Datasheet HTML 100Page - Analog Devices AD9162BBCZ Datasheet HTML 101Page - Analog Devices AD9162BBCZ Datasheet HTML 102Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 144 page
background image
AD9161/AD9162
Data Sheet
Rev. D | Page 98 of 144
Hex.
Addr. Name
Bits Bit Name
Settings
Description
Reset
Access
6
NCO_EN
Modulation enable.
0x0
R/W
0 Disable NCO.
1 Enable NCO.
5
RESERVED
Reserved.
0x0
R
4
FILT_BW
Datapath filter bandwidth.
0x0
R/W
0 Filter bandwidth is 80%.
1 Filter bandwidth is 90%.
3
RESERVED
Reserved.
0x0
R
2
MODULUS_EN
Modulus DDS enable
0x0
R/W
0 Disable modulus DDS.
1 Enable modulus DDS.
1
SEL_SIDEBAND
Selects upper or lower sideband
from modulation result.
0x0
R/W
0 Use upper sideband.
1 Use lower sideband = spectral
flip.
0
FIR85_FILT_EN
FIR85 filter enable.
0x0
R/W
0x113 FTW_UPDATE
7
RESERVED
Reserved.
0x0
R
[6:4] FTW_REQ_MODE
Frequency tuning word
automatic update mode.
0x0
R/W
000 No automatic requests are
generated when the FTW
registers are written.
001 Automatically generate
FTW_LOAD_REQ after FTW0 is
written.
010 Automatically generate
FTW_LOAD_REQ after FTW1 is
written.
011 Automatically generate
FTW_LOAD_REQ after FTW2 is
written.
100 Automatically generate
FTW_LOAD_REQ after FTW3 is
written.
101 Automatically generate
FTW_LOAD_REQ after FTW4 is
written.
110 Automatically generate
FTW_LOAD_REQ after FTW5 is
written.
3
RESERVED
Reserved.
0x0
R
2
FTW_LOAD_SYSREF
FTW load and reset from rising
edge of SYSREF±.
0x0
R/W
1
FTW_LOAD_ACK
Frequency tuning word update
acknowledge.
0x0
R
0 FTW is not loaded.
1 FTW is loaded.
0
FTW_LOAD_REQ
Frequency tuning word update
request from SPI.
0x0
R/W
0 Clear FTW_LOAD_ACK.
1 0 to 1 transition loads the FTW.
0x114 FTW0
[7:0] FTW[7:0]
NCO frequency tuning word.
This is X in the equation fOUT =
fDAC × (M/N) = fDAC × ((X +
A/B)/248).
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com