Electronic Components Datasheet Search
  English  ▼

X  

AD9162BBCZ Datasheet(PDF) 102 Page - Analog Devices

Part # AD9162BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9162BBCZ Datasheet(HTML) 102 Page - Analog Devices

Back Button AD9162BBCZ Datasheet HTML 98Page - Analog Devices AD9162BBCZ Datasheet HTML 99Page - Analog Devices AD9162BBCZ Datasheet HTML 100Page - Analog Devices AD9162BBCZ Datasheet HTML 101Page - Analog Devices AD9162BBCZ Datasheet HTML 102Page - Analog Devices AD9162BBCZ Datasheet HTML 103Page - Analog Devices AD9162BBCZ Datasheet HTML 104Page - Analog Devices AD9162BBCZ Datasheet HTML 105Page - Analog Devices AD9162BBCZ Datasheet HTML 106Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 144 page
background image
AD9161/AD9162
Data Sheet
Rev. D | Page 102 of 144
Hex.
Addr. Name
Bits Bit Name
Settings
Description
Reset
Access
Bit 2 controls the SERDIN2±
PHY.
Bit 3 controls the SERDIN3±
PHY.
Bit 4 controls the SERDIN4±
PHY.
Bit 5 controls the SERDIN5±
PHY.
Bit 6 controls the SERDIN6±
PHY.
Bit 7 controls the SERDIN7±
PHY.
0x203 GENERIC_PD
[7:2] RESERVED
Reserved.
0x0
R
1
SPI_SYNC1_PD
Power down LVDS buffer for the
sync request signal, SYNCOUT.
0x0
R/W
0
RESERVED
Reserved.
0x0
R/W
0x206 CDR_RESET
[7:1] RESERVED
Reserved.
0x0
R
0
SPI_CDR_RESET
Resets the digital control logic
for all PHYs.
0x1
R/W
0 CDR logic is reset.
1 CDR logic is operational.
0x230 CDR_OPERATING_MODE_REG_0
[7:6] RESERVED
Reserved.
0x0
R/W
5
SPI_ENHALFRATE
Enables half rate CDR
operation, must be enabled for
data rates above 6 Gbps.
0x1
R/W
0 Disables CDR half rate
operation, data rate ≤ 6 Gbps.
1 Enables CDR half rate
operation, data rate > 6 Gbps.
[4:3] RESERVED
Reserved.
0x1
R/W
[2:1] SPI_DIVISION_RATE
Enables oversampling of the
input data.
0x0
R/W
00 No division. Data rate > 3 Gbps.
01 Division by 2. 1.5 Gbps < data
rate ≤ 3 Gbps.
10 Division by 4. 750 Mbps < data
rate ≤ 1.5 Gbps.
0
RESERVED
Reserved.
0x0
R/W
0x250 EQ_CONFIG_PHY_0_1
[7:4] SPI_EQ_CONFIG1
0x8
R/W
0000 Manual mode (SPI configured
values used).
0001 Boost level = 1.
0010 Boost level = 2.
0011 Boost level = 3.
0100 Boost level = 4.
0101 Boost level = 5.
0110 Boost level = 6.
0111 Boost level = 7.
1000 Boost level = 8.
1001 Boost level = 9.
1010 Boost level = 10.
1011 Boost level = 11.
1100 Boost level = 12.
1101 Boost level = 13.
1110 Boost level = 14.
1111 Boost level = 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com