Electronic Components Datasheet Search
  English  ▼

X  

AD9162BBCZ Datasheet(PDF) 80 Page - Analog Devices

Part # AD9162BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9162BBCZ Datasheet(HTML) 80 Page - Analog Devices

Back Button AD9162BBCZ Datasheet HTML 76Page - Analog Devices AD9162BBCZ Datasheet HTML 77Page - Analog Devices AD9162BBCZ Datasheet HTML 78Page - Analog Devices AD9162BBCZ Datasheet HTML 79Page - Analog Devices AD9162BBCZ Datasheet HTML 80Page - Analog Devices AD9162BBCZ Datasheet HTML 81Page - Analog Devices AD9162BBCZ Datasheet HTML 82Page - Analog Devices AD9162BBCZ Datasheet HTML 83Page - Analog Devices AD9162BBCZ Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 144 page
background image
AD9161/AD9162
Data Sheet
Rev. D | Page 80 of 80
TEMPERATURE SENSOR
The AD9161/AD9162 has a band gap temperature sensor for
monitoring the temperature changes of the AD9161/AD9162.
The temperature must be calibrated against a known temperature
to remove the device-to-device variation on the band gap circuit
used to sense the temperature.
To calibrate, the user must take a reading at a known ambient
temperature for a single-point calibration of each
AD9161/AD9162 device. The slope for the formula is then
calculated as
M = (TREF + 190)/((CODE_REF)/1000)
where:
TREF is the temperature at which the temp sensor is read,
CODE_REF is the readback code at the measured temperature, TREF.
To monitor temperature change,
TX = TREF + M × (CODE_X − CODE_REF)/1000
where:
CODE_X is the readback code at the unknown temperature, TX.
CODE_REF is the readback code at the calibrated temperature, TREF.
To use the temperature sensor, it must be enabled by setting
Register 0x135 to 0xA1. The user must write a 1 to Register 0x134,
Bit 0 before reading back the die temperature from Register 0x132
(LSB) and Register 0x133 (MSB).
ANALOG OUTPUTS
Equivalent DAC Output and Transfer Function
The AD9161/AD9162 provide complementary current outputs,
OUTPUT+ and OUTPUT−, that sink current from an external
load that is referenced to the 2.5 V VDD25_DAC supply. Figure
189 shows an equivalent output circuit for the DAC. Compared
to most current output DACs of this type, the outputs of the
AD9161/AD9162 consist of a constant current (IFIXED), and a peak
differential ac current, ICS (ICS = ICSP + ICSN). These two currents
combine to form the IINTx currents shown in Figure 189. The
internal currents, IINTP and IINTN, are sent to the output pin and
to an input termination resistance equivalent to 100 Ω pulled to
the VDD25_DAC supply (RINT). This termination serves to divide
the output current based on the external termination resistors
that are pulled to VDD25_DAC.
ICSP
IOUTFS = 8mA – 40mA
VDD25_DAC
VDD25_DAC
100Ω
OUTPUT+
OUTPUT–
100Ω
ICSN
IFIXED
IFIXED
IINTN
IINTP
Figure 189. Equivalent DAC Output Circuit
The example shown in Figure 189 can be modeled as a pair of
dc current sources that source a current of IOUT to each output.
This differential ac current source is used to model the signal
(that is, a digital code) dependent nature of the DAC output.
The polarity and signal dependency of this ac current source are
related to the digital code (F) by the following equation:
F (code) = (DACCODE − 32,768)/32,768
(2)
where:
−1 ≤ F (code) < +1.
DACCODE = 0 to 65,535 (decimal).
The current that is measured at the OUTPUT+ and OUTPUT−
outputs is as follows:
OUTPUT+ = (IFIXED (mA) + (F × IOUTFS)/FMAX(mA)) ×
(RINT/(RINT + RLOAD))
(3)
OUTPUT− = (IFIXED (mA) + ((FMAX − F) ×
IOUTFS)/FMAX(mA)) ×(RINT/(RINT + RLOAD))
The IFIXED value is about 3.8 mA. It is important to note that the
AD9161/AD9162 output cannot support dc coupling to the
external load, and thus must be ac-coupled through appropriately
sized capacitors for the chosen operating frequencies. Figure 190
shows the OUTPUT+ vs. DAC code transfer function when
IOUTFS is set to 40 mA.
DAC CODE
45
40
35
30
25
20
15
10
5
0
0
16384
32768
49152
65536
Figure 190. Gain Curve for ANA_FULL_SCALE_CURRENT[9:0] = 1023, DAC
Offset = 3.8 mA
Peak DAC Output Power Capability
The maximum peak power capability of a differential current
output DAC is dependent on its peak differential ac current,
IPEAK, and the equivalent load resistance it sees. In the case of a
1:1 balun with 100 Ω differential source termination, the equiva-
lent load that is seen by the DAC ac current source is 50 Ω. If
the AD9161/AD9162 are programmed for an IOUTFS = 40 mA, its
ideal peak ac current is 20 mA and its maximum power, delivered
to the equivalent load, is 10 × (RINT/(RINT + RLOAD)) = 8 mW, that
is, P = I2R. Because the source and load resistance seen by the
1:1 balun are equal, this power is shared equally. Therefore, the
output load receives 4 mW or 6 dBm maximum power.
To calculate the rms power delivered to the load, consider the
following:
Peak to rms of the digital waveform
Any digital backoff from digital full scale
DAC sinc response and nonideal losses in the external network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com