Electronic Components Datasheet Search
  English  ▼

X  

AD9162BBCZ Datasheet(PDF) 82 Page - Analog Devices

Part # AD9162BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9162BBCZ Datasheet(HTML) 82 Page - Analog Devices

Back Button AD9162BBCZ Datasheet HTML 78Page - Analog Devices AD9162BBCZ Datasheet HTML 79Page - Analog Devices AD9162BBCZ Datasheet HTML 80Page - Analog Devices AD9162BBCZ Datasheet HTML 81Page - Analog Devices AD9162BBCZ Datasheet HTML 82Page - Analog Devices AD9162BBCZ Datasheet HTML 83Page - Analog Devices AD9162BBCZ Datasheet HTML 84Page - Analog Devices AD9162BBCZ Datasheet HTML 85Page - Analog Devices AD9162BBCZ Datasheet HTML 86Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 144 page
background image
AD9161/AD9162
Data Sheet
Rev. D | Page 82 of 82
START-UP SEQUENCE
A number of steps is required to program the AD9161/AD9162
to the proper operating state after the device is powered up. This
sequence is divided into several steps, and is listed in Table 42,
Table 43, and Table 44, along with an explanation of the purpose of
each step. Private registers are reserved but must be written for
proper operation. Blank cells in Table 42 to Table 44 mean that
the value depends on the result as described in the description
column.
The AD9161/AD9162 are calibrated at the factory as part of the
automatic test program. The configure DAC start-up sequence
loads the factory calibration coefficients, as well as configures
some parameters that optimize the performance of the DAC
and the DAC clock DLL (see Table 42). Run this sequence
whenever the DAC is powered down or reset.
The configure JESD204B sequence configures the SERDES
block and then brings up the links (see Table 43). First, run the
configure DAC start-up sequence, then run the configure
JESD204B sequence.
Follow the configure NCO sequence if using the NCO (see
Table 44). Note that the NCO can be used in NCO only mode
or in conjunction with synthesized data from the SERDES data
interface. Only one mode can be used at a time and this mode is
selected in the second step in Table 44. The configure DAC
start-up sequence is run first, then the configure NCO sequence.
Table 42. Configure DAC Start-Up Sequence After Power-Up
R/W
Register
Value
Description
W
0x000
0x18
Configure the device for 4-wire serial port operation (optional: leave at the default of 3-wire SPI)
W
0x0D2
0x52
Reset internal calibration registers (private)
W
0x0D2
0xD2
Clear the reset bit for the internal calibration registers (private)
W
0x606
0x02
Configure the nonvolatile random access memory (NVRAM) (private)
W
0x607
0x00
Configure the NVRAM (private)
W
0x604
0x01
Load the NVRAM. Loads factory calibration factors from the NVRAM. (private)1
R
0x003, 0x004, 0x005,
0x006
N/A2
(Optional) read CHIP_TYPE, PROD_ID[15:0], PROD_GRADE, and DEV_REVISION from Register 0x003,
Register 0x004, Register 0x005, and Register 0x006
R
0x604, Bit 1
0b1
(Optional) read the boot loader pass bit in Register 0x604, Bit 1 = 0b1 to indicate a successful boot
load
W
0x058
0x03
Enable the band gap reference (private)
W
0x090
0x1E
Power up the DAC clock DLL
W
0x080
0x00
Enable the clock receiver
W
0x040
0x00
Enable the DAC bias circuits
W
0x020
0x0F
Optional. Enable the interrupts
W
0x09E
0x85
Configure DAC analog parameters (private)
W
0x091
0xE9
Enable the DAC clock DLL
R
0x092, Bit 0
0b1
Check DLL_STATUS; set Register 0x092, Bit 0 = 1 to indicate the DAC clock DLL is locked to the DAC
clock input
W
0x0E8
0x20
Enable calibration factors (private)
W
0x152, Bits[1:0]
Configure the DAC decode mode (0b00 = NRZ, 0b01 = mix mode, or 0b10 = RZ)
1 After the NVRAM is loaded, the readback values of registers 0x004 and 0x005 change to 0x004 = 0x62 for the AD9162, 0x004 = 0x61 for the AD9161, 0x005 = 0x91.
2 N/A means not applicable.
Table 43. Configure JESD204B Start-Up Sequence
R/W
Register
Value
Description
W
0x300
0x00
Ensure the SERDES links are disabled before configuring them.
W
0x4B8
0xFF
Enable JESD204B interrupts.
W
0x4B9
0x01
Enable JESD204B interrupts.
W
0x480
0x38
Enable SERDES error counters.
W
0x481
0x38
Enable SERDES error counters.
W
0x482
0x38
Enable SERDES error counters.
W
0x483
0x38
Enable SERDES error counters.
W
0x484
0x38
Enable SERDES error counters.
W
0x485
0x38
Enable SERDES error counters.
W
0x486
0x38
Enable SERDES error counters.
W
0x487
0x38
Enable SERDES error counters.
W
0x110
Configure number of lanes (Bits[7:4]) and interpolation rate (Bits[3:0]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com