Electronic Components Datasheet Search
  English  ▼

X  

AD9162BBCZ Datasheet(PDF) 47 Page - Analog Devices

Part # AD9162BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9162BBCZ Datasheet(HTML) 47 Page - Analog Devices

Back Button AD9162BBCZ Datasheet HTML 43Page - Analog Devices AD9162BBCZ Datasheet HTML 44Page - Analog Devices AD9162BBCZ Datasheet HTML 45Page - Analog Devices AD9162BBCZ Datasheet HTML 46Page - Analog Devices AD9162BBCZ Datasheet HTML 47Page - Analog Devices AD9162BBCZ Datasheet HTML 48Page - Analog Devices AD9162BBCZ Datasheet HTML 49Page - Analog Devices AD9162BBCZ Datasheet HTML 50Page - Analog Devices AD9162BBCZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 144 page
background image
Data Sheet
AD9161/AD9162
Rev. D | Page 47 of 144
Table 17. Data Structure per Lane for JESD204B Operating Modes1
JESD204B Parameters
Lane No.
Frame 0
Frame 1
Frame 2
Frame 3
L = 8, M = 1, F = 1, S = 4
Lane 0
M0S0[15:8]
Lane 1
M0S0[7:0]
Lane 2
M0S1[15:8]
Lane 3
M0S1[7:0]
Lane 4
M0S2[15:8]
Lane 5
M0S2[7:0]
Lane 6
M0S3[15:8]
Lane 7
M0S3[7:0]
L = 8, M = 2, F = 1, S = 2
Lane 0
M0S0[15:8]
Lane 1
M0S0[7:0]
Lane 2
M0S1[15:8]
Lane 3
M0S1[7:0]
Lane 4
M1S0[15:8]
Lane 5
M1S0[7:0]
Lane 6
M1S1[15:8]
Lane 7
M1S1[7:0]
L = 6, M = 2, F = 2, S = 3
Lane 0
M0S0[15:8]
M0S0[7:0]
Lane 1
M0S1[15:8]
M0S1[7:0]
Lane 2
M0S2[15:8]
M0S2[7:0]
Lane 3
M1S0[15:8]
M1S0[7:0]
Lane 4
M1S1[15:8]
M1S1[7:0]
Lane 5
M1S2[15:8]
M1S2[7:0]
L = 4, M = 2, F = 1, S = 1
Lane 0
M0S0[15:8]
Lane 1
M0S0[7:0]
Lane 2
M1S0[15:8]
Lane 3
M1S0[7:0]
L = 3, M = 2, F = 4, S = 3
Lane 0
M0S0[15:8]
M0S0[7:0]
M0S1[15:8]
M0S1[7:0]
Lane 1
M0S2[15:8]
M0S2[7:0]
M1S0[15:8]
M1S0[7:0]
Lane 2
M1S1[15:8]
M1S1[7:0]
M1S2[15:8]
M1S2[7:0]
L = 2, M = 2, F = 2, S = 1
Lane 0
M0S0[15:8]
M0S0[7:0]
Lane 1
M1S0[15:8]
M1S0[7:0]
L = 1, M = 2, F = 4, S = 1
Lane 0
M0S0[15:8]
M0S0[7:0]
M1S0[15:8]
M1S0[7:0]
1
Mx is the converter number and Sy is the sample number. For example, M0S0 means Converter 0, Sample 0. Blank cells are not applicable.
PHYSICAL LAYER
The physical layer of the JESD204B interface, hereafter referred
to as the deserializer, has eight identical channels. Each channel
consists of the terminators, an equalizer, a clock and data recovery
(CDR) circuit, and the 1:40 demux function (see Figure 144).
EQUALIZER
CDR
1:40
DESERIALIZER
FROM SERDES PLL
SPI
CONTROL
TERMINATION
SERDINx±
Figure 144. Deserializer Block Diagram
JESD204B data is input to the AD9161/AD9162 via the
SERDINx± 1.2 V differential input pins as per the JESD204B
specification.
Interface Power-Up and Input Termination
Before using the JESD204B interface, it must be powered up by
setting Register 0x200, Bit 0 = 0. In addition, each physical lane
(PHY) that is not being used (SERDINx±) must be powered
down. To do so, set the corresponding Bit x for Physical Lane x in
Register 0x201 to 0 if the physical lane is being used, and to 1 if it is
not being used.
The AD9161/AD9162 autocalibrate the input termination to
50 Ω. Before running the termination calibration, Register 0x2A7
and Register 0x2AE must be written as described in Table 18 to
guarantee proper calibration. The termination calibration begins
when Register 0x2A7, Bit 0 and Register 0x2AE, Bit 0 transition
from low to high. Register 0x2A7 controls autocalibration for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com