Electronic Components Datasheet Search
  English  ▼

X  

AD9162BBCZ Datasheet(PDF) 76 Page - Analog Devices

Part # AD9162BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9162BBCZ Datasheet(HTML) 76 Page - Analog Devices

Back Button AD9162BBCZ Datasheet HTML 72Page - Analog Devices AD9162BBCZ Datasheet HTML 73Page - Analog Devices AD9162BBCZ Datasheet HTML 74Page - Analog Devices AD9162BBCZ Datasheet HTML 75Page - Analog Devices AD9162BBCZ Datasheet HTML 76Page - Analog Devices AD9162BBCZ Datasheet HTML 77Page - Analog Devices AD9162BBCZ Datasheet HTML 78Page - Analog Devices AD9162BBCZ Datasheet HTML 79Page - Analog Devices AD9162BBCZ Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 144 page
background image
AD9161/AD9162
Data Sheet
Rev. D | Page 76 of 76
When considering the trace width vs. copper weight and
thickness, the speed of the interface must be considered. At
multigigabit speeds, the skin effect of the conducting material
confines the current flow to the surface. Maximize the surface
area of the conductor by making the trace width made wider to
reduce the losses. Additionally, loosely couple differential traces
to accommodate the wider trace widths. This coupling helps
reduce the crosstalk and minimize the impedance mismatch
when the traces must separate to accommodate components,
vias, connectors, or other routing obstacles. Tightly coupled vs.
loosely coupled differential traces are shown in Figure 178.
Tx
DIFF A
Tx
DIFF A
Tx
DIFF B
Tx
DIFF B
TIGHTLY COUPLED
DIFFERENTIAL Tx LINES
LOOSELY COUPLED
DIFFERENTIAL Tx LINES
Figure 178. Tightly Coupled vs. Loosely Coupled Differential Traces
AC Coupling Capacitors
The AD9161/AD9162 require that the JESD204B input signals
be ac-coupled to the source. These capacitors must be 100 nF
and placed as close as possible to the transmitting logic device.
To minimize the impedance mismatch at the pads, select the
package size of the capacitor so that the pad size on the PCB
matches the trace width as closely as possible.
SYNCOUT±, SYSREF±, and CLK± Signals
The SYNCOUT± and SYSREF± signals on the AD9161/AD9162
are low speed LVDS differential signals. Use controlled impedance
traces routed with 100 Ω differential impedance and 50 Ω to
ground when routing these signals. As with the SERDIN0± to
SERDIN7± data pairs, it is important to keep these signals sepa-
rated from potential noise sources such as high speed digital
signals and noisy supplies.
Separate the SYNCOUT± signal from other noisy signals,
because noise on the SYNCOUT± might be interpreted as a
request for /K/ characters.
It is important to keep similar trace lengths for the CLK± and
SYSREF± signals from the clock source to each of the devices
on either end of the JESD204B links (see Figure 179). If using a
clock chip that can tightly control the phase of CLK± and
SYSREF±, the trace length matching requirements are greatly
reduced.
CLOCK SOURCE
(AD9516-1, ADCLK925)
LANE 0
LANE 1
LANE N – 1
LANE N
DEVICE CLOCK
DEVICE CLOCK
SYSREF±
SYSREF±
SYSREF± TRACE LENGTH
SYSREF± TRACE LENGTH
DEVICE CLOCK TRACE LENGTH
DEVICE CLOCK TRACE LENGTH
Tx
DEVICE
Rx
DEVICE
Figure 179. SYSREF± Signal and Device Clock Trace Length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com