Electronic Components Datasheet Search
  English  ▼

X  

AD9162BBCZ Datasheet(PDF) 84 Page - Analog Devices

Part # AD9162BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9162BBCZ Datasheet(HTML) 84 Page - Analog Devices

Back Button AD9162BBCZ Datasheet HTML 80Page - Analog Devices AD9162BBCZ Datasheet HTML 81Page - Analog Devices AD9162BBCZ Datasheet HTML 82Page - Analog Devices AD9162BBCZ Datasheet HTML 83Page - Analog Devices AD9162BBCZ Datasheet HTML 84Page - Analog Devices AD9162BBCZ Datasheet HTML 85Page - Analog Devices AD9162BBCZ Datasheet HTML 86Page - Analog Devices AD9162BBCZ Datasheet HTML 87Page - Analog Devices AD9162BBCZ Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 144 page
background image
AD9161/AD9162
Data Sheet
Rev. D | Page 84 of 144
REGISTER SUMMARY
Table 45. Register Summary
Reg.
Name
Bits Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset RW
0x000
SPI_INTFCONFA
[7:0] SOFTRESET_
M
LSBFIRST_M
ADDRINC_M
SDOACTIVE_
M
SDOACTIVE ADDRINC
LSBFIRST
SOFTRESET
0x00 R/W
0x001
SPI_INTFCONFB
[7:0] SINGLEINS
CSSTALL
RESERVED
SOFTRESET1
SOFTRESET0
RESERVED
0x00 R/W
0x003
SPI_CHIPTYPE
[7:0]
CHIP_TYPE
0x00 R
0x004
SPI_PRODIDL
[7:0]
PROD_ID[7:0]
0x00 R
0x005
SPI_PRODIDH
[7:0]
PROD_ID[15:8]
0x00 R
0x006
SPI_CHIPGRADE
[7:0]
PROD_GRADE
DEV_REVISION
0x00 R
0x020
IRQ_ENABLE
[7:0]
RESERVED
EN_SYSREF_
JITTER
EN_DATA_
READY
EN_LANE_FIFO EN_PRBSQ
EN_PRBSI
0x00 R/W
0x024
IRQ_STATUS
[7:0]
RESERVED
IRQ_SYSREF_
JITTER
IRQ_DATA_
READY
IRQ_LANE_
FIFO
IRQ_PRBSQ
IRQ_PRBSI
0x00 R/W
0x031
SYNC_LMFC_
DELAY_FRAME
[7:0]
RESERVED
SYNC_LMFC_DELAY_SET_FRM
0x00 R/W
0x032
SYNC_LMFC_
DELAY0
[7:0]
SYNC_LMFC_DELAY_SET[7:0]
0x00 R/W
0x033
SYNC_LMFC_
DELAY1
[7:0]
RESERVED
SYNC_LMFC_DELAY_SET[11:8]
0x00 R/W
0x034
SYNC_LMFC_
STAT0
[7:0]
SYNC_LMFC_DELAY_STAT[7:0]
0x00 R/W
0x035
SYNC_LMFC_
STAT1
[7:0]
RESERVED
SYNC_LMFC_DELAY_STAT[11:8]
0x00 R/W
0x036
SYSREF_COUNT
[7:0]
SYSREF_COUNT
0x00 R/W
0x037
SYSREF_PHASE0
[7:0]
SYSREF_PHASE[7:0]
0x00 R/W
0x038
SYSREF_PHASE1
[7:0]
RESERVED
SYSREF_PHASE[11:8]
0x00 R/W
0x039
SYSREF_JITTER_
WINDOW
[7:0]
RESERVED
SYSREF_JITTER_WINDOW
0x00 R/W
0x03A
SYNC_CTRL
[7:0]
RESERVED
SYNC_MODE
0x00 R/W
0x03F
TX_ENABLE
[7:0] SPI_
DATAPATH_
POST
SPI_
DATAPATH_
PRE
RESERVED
TXEN_NCO_
RESET
TXEN_
DATAPATH_
POST
TXEN_
DATAPATH_ PRE
TXEN_DAC_FSC
0xC0 R/W
0x040
ANA_DAC_BIAS_
PD
[7:0]
RESERVED
ANA_DAC_
BIAS_PD1
ANA_DAC_BIAS_
PD0
0x03 R/W
0x041
ANA_FSC0
[7:0]
RESERVED
ANA_FULL_SCALE_CURRENT[1:0] 0x03 R/W
0x042
ANA_FSC1
[7:0]
ANA_FULL_SCALE_CURRENT[9:2]
0xFF R/W
0x07F
CLK_PHASE_TUNE [7:0]
RESERVED
CLK_PHASE_TUNE
0x00 R/W
0x080
CLK_PD
[7:0]
RESERVED
DACCLK_PD
0x01 R/W
0x082
CLK_DUTY
[7:0] CLK_DUTY_
EN
CLK_DUTY_
OFFSET_EN
CLK_DUTY_
BOOST_EN
CLK_DUTY_PRG
0x80 R/W
0x083
CLK_CRS_CTRL
[7:0] CLK_CRS_EN
RESERVED
CLK_CRS_ADJ
0x80 R/W
0x084
PLL_REF_CLK_PD [7:0]
RESERVED
PLL_REF_CLK_RATE
RESERVED
PLL_REF_CLK_PD 0x00 R/W
0x088
SYSREF_CTRL0
[7:0]
RESERVED
HYS_ON
SYSREF_RISE
HYS_CNTRL[9:8]
0x00 R/W
0x089
SYSREF_CTRL1
[7:0]
HYS_CNTRL[7:0]
0x00 R/W
0x090
DLL_PD
[7:0]
RESERVED
DLL_FINE_
DC_EN
DLL_FINE_
XC_EN
DLL_COARSE_
DC_EN
DLL_COARSE_X
C_EN
DLL_CLK_PD
0x1F R/W
0x091
DLL_CTRL
[7:0] DLL_TRACK_
ERR
DLL_SEARCH_
ERR
DLL_SLOPE
DLL_SEARCH
DLL_MODE
DLL_ENABLE
0xF0 R/W
0x092
DLL_STATUS
[7:0]
RESERVED
DLL_FAIL
DLL_LOST
DLL_LOCKED
0x00 R/W
0x093
DLL_GB
[7:0]
RESERVED
DLL_GUARD
0x00 R/W
0x094
DLL_COARSE
[7:0]
RESERVED
DLL_COARSE
0x00 R/W
0x095
DLL_FINE
[7:0]
DLL_FINE
0x80 R/W
0x096
DLL_PHASE
[7:0]
RESERVED
DLL_PHS
0x08 R/W
0x097
DLL_BW
[7:0]
RESERVED
DLL_FILT_BW
DLL_WEIGHT
0x00 R/W
0x098
DLL_READ
[7:0]
RESERVED
DLL_READ
0x00 R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com