Electronic Components Datasheet Search
  English  ▼

X  

AD9162BBCZ Datasheet(PDF) 46 Page - Analog Devices

Part # AD9162BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9162BBCZ Datasheet(HTML) 46 Page - Analog Devices

Back Button AD9162BBCZ Datasheet HTML 42Page - Analog Devices AD9162BBCZ Datasheet HTML 43Page - Analog Devices AD9162BBCZ Datasheet HTML 44Page - Analog Devices AD9162BBCZ Datasheet HTML 45Page - Analog Devices AD9162BBCZ Datasheet HTML 46Page - Analog Devices AD9162BBCZ Datasheet HTML 47Page - Analog Devices AD9162BBCZ Datasheet HTML 48Page - Analog Devices AD9162BBCZ Datasheet HTML 49Page - Analog Devices AD9162BBCZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 144 page
background image
AD9161/AD9162
Data Sheet
Rev. D | Page 46 of 144
JESD204B SERIAL DATA INTERFACE
JESD204B OVERVIEW
The AD9161/AD9162 have eight JESD204B data ports that
receive data. The eight JESD204B ports can be configured as
part of a single JESD204B link that uses a single system reference
(SYSREF±) and device clock (CLK±).
The JESD204B serial interface hardware consists of three layers:
the physical layer, the data link layer, and the transport layer.
These sections of the hardware are described in subsequent
sections, including information for configuring every aspect of
the interface. Figure 143 shows the communication layers
implemented in the AD9161/AD9162 serial data interface to
recover the clock and deserialize, descramble, and deframe the
data before it is sent to the digital signal processing section of
the device.
The physical layer establishes a reliable channel between the
transmitter (Tx) and the receiver (Rx); the data link layer is
responsible for unpacking the data into octets and descrambling
the data. The transport layer receives the descrambled
JESD204B frames and converts them to DAC samples.
A number of JESD204B parameters (L, F, K, M, N, NP, S, HD)
define how the data is packed and tell the device how to turn
the serial data into samples. These parameters are defined in
detail in the Transport Layer section. The AD9161/AD9162 also
have a descrambling option (see the Descrambler section for
more information).
The various combinations of JESD204B parameters that are
supported depend solely on the number of lanes. Thus, a
unique set of parameters can be determined by selecting the
lane count to be used. In addition, the interpolation rate and
number of lanes can be used to define the rest of the configura-
tion needed to set up the AD9161/AD9162. The interpolation
rate and the number of lanes are selected in Register 0x110.
The AD9161/AD9162 have a single DAC output; however, for
the purposes of the complex signal processing on chip, the con-
verter count is defined as M = 2 whenever interpolation is used.
For a particular application, the number of converters to use
(M) and the DataRate variable are known. The LaneRate
variable and number of lanes (L) can be traded off as follows:
DataRate = (DACRate)/(InterpolationFactor)
LaneRate = (20 × DataRate × M)/L
where LaneRate must be between 750 Mbps and 12.5 Gbps.
Achieving and recovering synchronization of the lanes is very
important. To simplify the interface to the transmitter, the
AD9161/AD9162 designate a master synchronization signal for
each JESD204B link. The SYNCOUT± pin is used as the master
signal for all lanes. If any lane in a link loses synchronization, a
resynchronization request is sent to the transmitter via the
synchronization signal of the link. The transmitter stops sending
data and instead sends synchronization characters to all lanes in
that link until resynchronization is achieved.
DESERIALIZER
DATA LINK
LAYER
TRANSPORT
LAYER
SERDIN0±
SYSREF±
SERDIN7±
I DATA[15:0]
Q DATA[15:0]
TO DAC
DSP BLOCK
SYNCOUT±
PHYSICAL
LAYER
DESERIALIZER
QBD/
DESCRAMBLER
FRAME TO
SAMPLES
Figure 143. Functional Block Diagram of Serial Link Receiver
Table 16. Single-Link JESD204B Operating Modes
Number of Lanes (L)
Parameter
1
2
3
4
6
8
L (Lane Count)
1
2
3
4
6
8
M (Converter Count)
2
2
2
2
2
1 (real), 2 (complex)
F (Octets per Frame per Lane)
4
2
4
1
2
1
S (Samples per Converter per Frame)
1
1
3
1
3
4 (real), 2 (complex)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com