Electronic Components Datasheet Search
  English  ▼

X  

AD9162BBCZ Datasheet(PDF) 78 Page - Analog Devices

Part # AD9162BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9162BBCZ Datasheet(HTML) 78 Page - Analog Devices

Back Button AD9162BBCZ Datasheet HTML 74Page - Analog Devices AD9162BBCZ Datasheet HTML 75Page - Analog Devices AD9162BBCZ Datasheet HTML 76Page - Analog Devices AD9162BBCZ Datasheet HTML 77Page - Analog Devices AD9162BBCZ Datasheet HTML 78Page - Analog Devices AD9162BBCZ Datasheet HTML 79Page - Analog Devices AD9162BBCZ Datasheet HTML 80Page - Analog Devices AD9162BBCZ Datasheet HTML 81Page - Analog Devices AD9162BBCZ Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 144 page
background image
AD9161/AD9162
Data Sheet
Rev. D | Page 78 of 144
Mix-Mode roll-off due to the zero-order hold at 2 × DAC clock
(see Figure 184).
–36
–33
–30
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
0
1020 2040 3060 4080 5100 6120 7140 8160 9180 10200
FREQUENCY (MHz)
NRZ MODE
2× NRZ MODE
MIX-MODE
RZ MODE
Figure 184. Sinc Roll-Off with 2× NRZ Mode Added, fDAC = 5.1 GSPS
CLOCK INPUT
The AD9161/AD9162 contain a low jitter, differential clock
receiver that is capable of interfacing directly to a differential
or single-ended clock source. Because the input is self biased with a
nominal impedance of 90 Ω, it is recommended that the clock
source be ac-coupled to the CLK± input pins. The nominal
differential input is 1 V p-p, but the clock receiver can operate
with a span that ranges from 250 mV p-p to 2.0 V p-p. Better
phase noise performance is achieved with a higher clock input
level.
CLK+
TO DAC
AND DLL
CLK–
1.25V
5kΩ
5kΩ
40kΩ
16µA
DUTY CYCLE
RESTORER
CROSS
CONTROL
Figure 185. Clock Input
The quality of the clock source, as well as its interface to the
AD9161/AD9162 clock input, directly impacts ac performance.
Select the phase noise and spur characteristics of the clock source
to meet the target application requirements. Phase noise and
spurs at a given frequency offset on the clock source are directly
translated to the output signal. It can be shown that the phase noise
characteristics of a reconstructed output sine wave are related to
the clock source by 20 × log10 (fOUT/fCLK) when the DAC clock
path contribution is negligible.
Figure 186 shows a clock source based on the ADF4355 low phase
noise/jitter PLL. The ADF4355 can provide output frequencies
from 54 MHz up to 6.8 GHz.
The clock control registers exist at Address 0x082 through
Address 0x084. CLK_DUTY (Register 0x082) can be used to
enable duty cycle correction (Bit 7), enable duty cycle offset
control (Bit 6), and set the duty cycle offset (Bits[4:0]). The duty
cycle offset word is a signed magnitude word, with Bit 4 being
the sign bit (1 is negative) and Bits[3:0] the magnitude. The duty
cycle adjusts across a range of approximately ±3%. Recommended
settings for this register are listed in the Start-Up Sequence
section.
The clock input has a register that adjusts the phase of the CLK+
and CLK− inputs. This register is located at Address 0x07F. The
register has a signed magnitude (1 is negative) value that adds
capacitance at 20 fF per step to either the CLK+ or the CLK−
input, according to Table 41. The CLK_PHASE_TUNE register
can be used to adjust the clock input phase for better DAC
image rejection.
Table 41. CLK± Phase Adjust Values
Register 0x07F,
Bits[5:0]
Capacitance at
CLK+
Capacitance at
CLK−
000000
0
0
000001
1 × 20 fF
0
000010
2 × 20 fF
0
…
…
…
011111
31 × 20 fF
0
100000
0
0
100001
0
1 × 20 fF
100010
0
2 × 20 fF
…
…
…
111111
0
31 × 20 fF
VCO
PLL
ADF4355
FREF
2GHz TO 6GHz
0dBm
100pF
7.4nH
VOUT
VOUT
7.4nH
100pF
AD9161/
AD9162
CLK+
CLK–
OUTPUT
STAGE
Figure 186. Possible Signal Chain for CLK± Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com