Electronic Components Datasheet Search
  English  ▼

X  

AD9162BBCZ Datasheet(PDF) 79 Page - Analog Devices

Part # AD9162BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9162BBCZ Datasheet(HTML) 79 Page - Analog Devices

Back Button AD9162BBCZ Datasheet HTML 75Page - Analog Devices AD9162BBCZ Datasheet HTML 76Page - Analog Devices AD9162BBCZ Datasheet HTML 77Page - Analog Devices AD9162BBCZ Datasheet HTML 78Page - Analog Devices AD9162BBCZ Datasheet HTML 79Page - Analog Devices AD9162BBCZ Datasheet HTML 80Page - Analog Devices AD9162BBCZ Datasheet HTML 81Page - Analog Devices AD9162BBCZ Datasheet HTML 82Page - Analog Devices AD9162BBCZ Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 144 page
background image
Data Sheet
AD9161/AD9162
Rev. D | Page 79 of 144
The improvement in performance from making these
adjustments depends on the accuracy of the balance of the clock
input balun and varies from unit to unit. Thus, if a high level of
image rejection is required, it is likely that a per unit calibration
is necessary. Performing this calibration can yield significant
improvements, as much as 20 dB additional rejection of the
image due to imbalance. Figure 187 shows the results of tuning
clock phase, duty cycle (left at default in this case), and cross
control. The improvement to performance, particularly at
higher frequencies, can be as much as 20 dB.
PHASE 0,
CROSS 6
–20
–30
–40
–50
–60
–70
–80
–90
0
1000
2000
3000
4000
5000
6000
PHASE 28,
CROSS 10
fOUT (MHz)
Figure 187. Performance Improvement from Tuning the Clock Input
SHUFFLE MODE
The spurious performance of the AD9161/AD9162 can be
improved with a feature called shuffle mode. Shuffle mode uses
proprietary technology to spread the energy of spurious signals
across the DAC output as random noise. Shuffle mode is
enabled by programming Register 0x151, Bit 2 = 0b1. Because
shuffle is implemented with the MSBs, it is more effective when
the DAC is operated with a small amount of digital backoff.
The amount of noise rise caused by shuffle mode is directly
related to the power in the affected spurious signals. Because
the AD9161/AD9162 have good spurious performance without
shuffle active, the penalty of shuffle mode to the noise spectral
density is typically about 1 dB to 3 dB. Shuffle mode reduces
spurious performance related to clock and foldback spurs, but
does not affect real harmonics of the DAC output. Examples of
the effects of shuffle mode are given in the Typical Performance
Characteristics section (see Figure 18, Figure 19, Figure 33,
Figure 34, Figure 100, Figure 101, Figure 115, Figure 116, and
Figure 117).
DLL
The CLK± input goes to a high frequency DLL to ensure robust
locking of the DAC sample clock to the input clock. The DLL is
configured and enabled as part of the recommended start-up
sequence. The DLL control registers are located at Register 0x090
through Register 0x09B. The DLL settings are determined during
product characterization and are given in the recommended
start-up sequence (see the Start-Up Sequence section). It is not
normally necessary to change these values, nor is the product
characterization data valid on any settings other than the recom-
mended ones.
VOLTAGE REFERENCE
The AD9161/AD9162 output current is set by a combination of
digital control bits and the ISET reference current, as shown in
Figure 188.
CURRENT
SCALING
ANA_FULL_SCALE_CURRENT [9:0]
AD9161/AD9162
DAC
IOUTFS
9.6kΩ
1µF
VREF
ISET
VSS
ISET
VBG
1.2V
+
–
VNEG_N1P2
Figure 188. Voltage Reference Circuit
The reference current is obtained by forcing the band gap
voltage across an external 9.6 kΩ resistor from ISET (Ball A15
on the 8 mm × 8 mm package and Ball A12 on the 11 mm ×
11 mm package) to VNEG_N1P2. The 1.2 V nominal band gap
voltage (VREF) generates a 125 µA reference current, ISET, in
the 9.6 kΩ resistor, RSET. The maximum full-scale current
setting is related to the external resistor by the following
equation:
IOUTFS = 1.2 V/RSET (kΩ) × 320 (mA)
Note the following constraints when configuring the voltage
reference circuit:
•
Both the 9.6 kΩ resistor and 1 µF bypass capacitor are
required for proper operation.
•
Adjusting the DAC output full-scale current, IOUTFS, from
its default setting of 40 mA must be performed digitally.
•
The AD9161/AD9162 are not multiplying DACs.
Modulation of the reference current, ISET, with an ac
signal is not supported.
•
The band gap voltage appearing at the VREF pin must be
buffered for use with an external circuitry because it has a
high output impedance.
•
An external reference can be used to overdrive the internal
reference by connecting it to the VREF pin.
The IOUTFS value can be adjusted digitally over an 8 mA to
40 mA range by the ANA_FULL_SCALE_CURRENT[9:0] bits
(Register 0x042, Bits[7:0] and Register 0x041, Bits[1:0]). The
following equation relates IOUTFS to the ANA_FULL_SCALE_
CURRENT[9:0] bits, which can be set from 0 to 1023.
IOUTFS = 32 mA × (ANA_FULL_SCALE_CURRENT[9:0]/1023) +
8 mA
Note that the default value of 0x3FF generates 40 mA full scale,
and this value is used for most of the characterization presented
in this data sheet, unless noted otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com