| Electronic Components Datasheet Search |
|
DP8522A Datasheet(PDF) 17 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP8522A Datasheet(HTML) 17 Page - National Semiconductor (TI) |
|
17 / 70 page ![]() 40 Refresh Options (Continued) 422 Staggered RAS Refresh A staggered refresh staggers each RAS or group of RASs by a positive edge of CLK as shown in Figure 11 The num- ber of RASs which will be asserted on each positive edge of CLK is determined by the RAS CAS configuration mode programming bits C4 – C6 If single RAS outputs are select- ed during programming then each RAS will assert on suc- cessive positive edges of CLK If two RAS outputs are se- lected during programming then RAS0 and RAS1 will assert on the first positive edge of CLK after RFIP is asserted RAS2 and RAS3 will assert on the second positive edge of CLK after RFIP is asserted If all RAS outputs were selected during programming all RAS outputs would assert on the first positive edge of CLK after RFIP is asserted Each RAS or group of RASs will meet the programmed RAS low time and then negate 423 Error Scrubbing during Refresh The DP8520A21A22A support error scrubbing during all RAS VRAM refreshes Error scrubbing during refresh is se- lected through bits C4 – C6 with bit R9 negated during pro- gramming Error scrubbing can not be used with staggered refresh (see Section 90) Error scrubbing during refresh al- lows a CAS or group of CASs to assert during the all RAS refresh as shown in Figure 12 This allows data to be read from the VRAM array and passed through an Error Detec- tion And Correction Chip EDAC It is important to note that while an error scrubbing during refresh access is being pe- formed it is the system designer’s responsibility to properly control the WE input of the VRAM WE should be high dur- ing the initial access of the VRAM which could be accom- plished by gating RFIP if programmed with the processor access circuitry that creates WE If the EDAC determines that the data contains a single bit error and corrects that error the refresh cycle can be extended with the input ex- tend refresh EXTNDRF and a read-modify-write operation can be performed and the corrected data can be written back to the VRAM by bringing WE low The DP8522A has a 24-bit internal refresh address counter that contains the 11 row 11 column and 2 bank addresses The DP8520A21A have a 22-bit internal refresh address counter that contains the 10 row 10 column and 2 bank addresses These coun- ters are configured as bank column row with the row ad- dress as the least significant bits The bank counter bits are then used with the programming selection to determine which CAS or group of CASs will assert during a refresh TLF9338 – 18 FIGURE 12 Error Scrubbing during Refresh 17 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |