Electronic Components Datasheet Search
  English  ▼

X  

DP8522A Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8522A
Description  DP8520A/DP8521A/DP8522A microCMOS Programmable 256k/1M/4M Video RAM Controller/Drivers
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8522A Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button DP8522A Datasheet HTML 19Page - National Semiconductor (TI) DP8522A Datasheet HTML 20Page - National Semiconductor (TI) DP8522A Datasheet HTML 21Page - National Semiconductor (TI) DP8522A Datasheet HTML 22Page - National Semiconductor (TI) DP8522A Datasheet HTML 23Page - National Semiconductor (TI) DP8522A Datasheet HTML 24Page - National Semiconductor (TI) DP8522A Datasheet HTML 25Page - National Semiconductor (TI) DP8522A Datasheet HTML 26Page - National Semiconductor (TI) DP8522A Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 70 page
background image
60 DP8520A21A22A
Video RAM Support
The DP8520A21A22A provides full support for all access
modes of video RAMs through the addition of three pins
(AVSRLRQ
VSRL
and
DT OE)
to
the
standard
DP8420A21A22A The access modes of video RAMs can
be split up into two groups video RAM transfer cycles (read
with the serial port in active or in standby mode write and
pseudo write transfer cycles) and non-transfer cycles The
DP8520A21A22A support of video RAMs allows the full
capabilities of the National Semiconductor Advanced
Graphics chip set (DP8500 Series) to be realized See
Fig-
ures 22 23 and 58a
TLF9338 – 52
FIGURE 22 The Video RAM (A Dual Ported Memory)
Ideal solution for graphics frame buffer Screen refresh
can occur at the same time as random access to the
frame buffer for screen update and manipulation
TLF9338 – 56
FIGURE 23 The DP8500 Raster Graphics Processor Interfaced to the DP8520A21A22A Video RAM Controller
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com