Electronic Components Datasheet Search
  English  ▼

X  

DP8522A Datasheet(PDF) 47 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8522A
Description  DP8520A/DP8521A/DP8522A microCMOS Programmable 256k/1M/4M Video RAM Controller/Drivers
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8522A Datasheet(HTML) 47 Page - National Semiconductor (TI)

Back Button DP8522A Datasheet HTML 43Page - National Semiconductor (TI) DP8522A Datasheet HTML 44Page - National Semiconductor (TI) DP8522A Datasheet HTML 45Page - National Semiconductor (TI) DP8522A Datasheet HTML 46Page - National Semiconductor (TI) DP8522A Datasheet HTML 47Page - National Semiconductor (TI) DP8522A Datasheet HTML 48Page - National Semiconductor (TI) DP8522A Datasheet HTML 49Page - National Semiconductor (TI) DP8522A Datasheet HTML 50Page - National Semiconductor (TI) DP8522A Datasheet HTML 51Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 70 page
background image
120 Dual Accessing Functions (DP8522A) (Continued)
TLF9338 – B3
FIGURE 58b Wait States during a Port B Access
1232 LOCK Input
When the LOCK input is asserted the currently granted port
can ‘‘lock out’’ the other port through the insertion of wait
states to that port’s access cycle LOCK does not disable
refreshes it only keeps GRANTB in the same state even if
the other port requests an access as shown in
Figure 59
LOCK can be used by either port The user must guarantee
that LOCK is not asserted with Port B granted when
AVSRLRQ is asserted to request a VRAM transfer cycle
124 DUAL PORTING AND VRAM TRANSFER CYCLES
The input AVSRLRQ disables any further internally or exter-
nally requested refreshes or Port B access requests from
being executed The AVSRLRQ input does this by making
the VRAM controller arbitration logic think that a Port A ac-
cess is in progress from the point where the AVSRLRQ in-
put goes low until the VRAM shift register load operation is
completed
TLF9338 – B4
FIGURE 59 LOCK Function
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com