| Electronic Components Datasheet Search |
|
DP8522A Datasheet(PDF) 45 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP8522A Datasheet(HTML) 45 Page - National Semiconductor (TI) |
|
45 / 70 page ![]() 120 Dual Accessing Functions (DP8522A) (Continued) 122 PORT B WAIT STATE SUPPORT (DP8522A) Advanced transfer acknowledge for Port B ATACKB is used for wait state support for Port B This output will be asserted when RAS for the Port B access is asserted as shown in Figures 55 and 56 Once asserted this output will stay asserted until AREQB is negated With external logic ATACKB can be made to interface to any CPU’s wait input as shown in Figure 57 TLF9338 – A8 A) Extend ATACK to T( Clock) after RAS goes low TLF9338 – A9 B) Extend ATACK to 1T after RAS goes low TLF9338 – B0 C) Synchronize ATACKB to CPU B Clock This is useful if CPU B runs asyn- chronous to the DP8522 FIGURE 57 Modifying Wait Logic for Port B 123 COMMON PORT A AND PORT B DUAL PORT FUNCTIONS An input LOCK and an output GRANTB add additional functionality to the dual port arbitration logic LOCK allows Port A or Port B to lock out the other port from the VRAM When a Port is locked out of the VRAM wait states will be inserted into its access cycle until it is allowed to access memory GRANTB is used to multiplex the input control sig- nals and addresses to the DP8522A 1231 GRANTB Output The output GRANTB determines which port has current ac- cess to the VRAM array GRANTB asserted signifies Port B has access GRANTB negated signifies Port A has access to the VRAM array TLF9338 – B1 FIGURE 55 Non-Delayed Port B Access TLF9338 – B2 FIGURE 56 Delayed Port B Access 45 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |