Electronic Components Datasheet Search
  English  ▼

X  

DP8522A Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8522A
Description  DP8520A/DP8521A/DP8522A microCMOS Programmable 256k/1M/4M Video RAM Controller/Drivers
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8522A Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button DP8522A Datasheet HTML 33Page - National Semiconductor (TI) DP8522A Datasheet HTML 34Page - National Semiconductor (TI) DP8522A Datasheet HTML 35Page - National Semiconductor (TI) DP8522A Datasheet HTML 36Page - National Semiconductor (TI) DP8522A Datasheet HTML 37Page - National Semiconductor (TI) DP8522A Datasheet HTML 38Page - National Semiconductor (TI) DP8522A Datasheet HTML 39Page - National Semiconductor (TI) DP8522A Datasheet HTML 40Page - National Semiconductor (TI) DP8522A Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 70 page
background image
90 Programming and Resetting
The DP8520A21A22A must be programmed by one of
two possible programming sequences before it can be used
After power up the DP8520A21A22A must be externally
reset (see External Reset) before programming After pro-
gramming the DP8520A21A22A enters a 60 ms initializa-
tion period During this initialization period the DP8520A
21A22A performs refreshes about every 15 ms this makes
further VRAM warmup cycles unnecessary The chip can be
programmed as many times as the user wishes After the
first programming the 60 ms initialization period will not be
entered into unless the chip is reset Refreshes occur during
the 60 ms initialization period If ECAS0 was asserted during
programming the RFIP (RFRQ) pin will act as RFIP and will
be asserted throughout the initialization period otherwise
the pin will act like RFRQ and toggle every 13 ms–15 msin
conjunction with internal refresh requests If the user at-
tempts an access during the initialization period wait states
will be inserted into the access cycle until the initialization
period is complete and RAS precharge time has been met
The actual initialization time period is given by the following
formula
T e 4096 (Clock Divisor Select)
(Refresh Clock Fine Tune)
(DELCK Frequency)
91 MODE LOAD ONLY PROGRAMMING
MODE LOAD ML asserted enables an internal 23-bit pro-
grammable register To use this method the user asserts
ML enabling the internal programming register After ML is
asserted a valid programming selection is placed on the
address bus (and ECAS0) then ML is negated When ML is
negated the value on the address bus (and ECAS0) is
latched into the internal programming register and the
DP8520A21A22A is programmed as shown in
Figure 45
After ML is negated the DP8520A21A22A will enter the
60 ms initialization period only if this is the first programming
after power up or reset
Using this method a set of transceivers on the address bus
can be put at TRI-STATE
by the system reset signal A
combination of pull-up and pull-down resistors can be used
on the address inputs of the DP8520A21A22A to select
the programming values as shown in
FIgure 46
92 CHIP SELECTED ACCESS PROGRAMMING
The chip can also be programmed by asserting ML and per-
forming a chip selected access ADS (or ALE) is disabled
internally until after programming To program the chip using
this method ML is asserted After ML is asserted CS is
asserted and a valid programming selection is placed on the
address bus When AREQ is asserted the chip is pro-
grammed with the programming selection on the address
bus After AREQ is negated ML can be negated as shown
in
Figure 47
TLF9338 – 96
FIGURE 45 Mode Load Only Programming
TLF9338 – 97
Pull-Up or Pull-Down Resistors on Each Address Input
FIGURE 46 Programming during System Reset
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com