Electronic Components Datasheet Search
  English  ▼

X  

DP8522A Datasheet(PDF) 48 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8522A
Description  DP8520A/DP8521A/DP8522A microCMOS Programmable 256k/1M/4M Video RAM Controller/Drivers
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8522A Datasheet(HTML) 48 Page - National Semiconductor (TI)

Back Button DP8522A Datasheet HTML 44Page - National Semiconductor (TI) DP8522A Datasheet HTML 45Page - National Semiconductor (TI) DP8522A Datasheet HTML 46Page - National Semiconductor (TI) DP8522A Datasheet HTML 47Page - National Semiconductor (TI) DP8522A Datasheet HTML 48Page - National Semiconductor (TI) DP8522A Datasheet HTML 49Page - National Semiconductor (TI) DP8522A Datasheet HTML 50Page - National Semiconductor (TI) DP8522A Datasheet HTML 51Page - National Semiconductor (TI) DP8522A Datasheet HTML 52Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 70 page
background image
130 Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Temperature under Bias
0 Cto a70 C
Storage Temperature
b
65 Cto a150 C
All Input or Output Voltage
with Respect to GND
b
05V to a7V
Power Dissipation
20 MHz
05W
140 DC Electrical Characteristics TA e 0 Cto a70 C VCC e 5V g10% GND e 0V
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
Logical 1 Input Voltage
Tested with a Limited
20
VCC a 05
V
Functional Pattern
VIL
Logical 0 Input Voltage
Tested with a Limited
b
05
08
V
Functional Pattern
VOH1
Q and WE Outputs
IOH eb10 mA
VCC b 10
V
VOL1
Q and WE Outputs
IOL e 10 mA
05
V
VOH2
All Outputs except Qs WE
IOH eb3mA
VCC b 10
V
VOL2
All Outputs except Qs WE
IOL e 3 mA
05
V
IIN
Input Leakage Current
VIN e VCC or GND
b
10
10
m
A
IIL ML
ML Input Current (Low)
VIN e GND
200
m
A
ICC1
Standby Current
CLK at 8 MHz (VIN e VCC or GND)
6
15
mA
ICC1
Standby Current
CLK at 20 MHz (VIN e VCC or GND)
8
17
mA
ICC1
Standby Current
CLK at 25 MHz (VIN e VCC or GND)
10
20
mA
ICC2
Supply Current
CLK at 8 MHz (Inputs Active)
20
40
mA
(ILOAD e 0) (VIN e VCC or GND)
ICC2
Supply Current
CLK at 20 MHz (Inputs Active)
40
75
mA
(ILOAD e 0) (VIN e VCC or GND)
ICC2
Supply Current
CLK at 25 MHz (Inputs Active)
50
95
mA
(ILOAD e 0) (VIN e VCC or GND)
CIN
Input Capacitance
fIN at 1 MHz
10
pF
Note CIN is not 100% tested
150 AC Timing Parameters DP8520ADP8521ADP8522A
The AC timing parameters are grouped into sectional num-
bers as shown below These numbers also refer to the tim-
ing diagrams
1 – 38
Common parameters to all modes of operation
50 – 56
Difference parameters used to calculate
RAS low time
RAS precharge time
CAS high time and
CAS low time
100 – 121 Common dual access parameters used for Port
B accesses and inputs and outputs used only in
dual accessing
200 – 212 Refresh parameters
300 – 315 Mode 0 access parameters used in both single
and dual access applications
400 – 416 Mode 1 access parameters used in both single
and dual access applications
450 – 455 Special Mode 1 access parameters which super-
sede the 400 – 416 parameters when dual ac-
cessing
500 – 506 Programming parameters
600 – 605 Graphics parameters for VRAM transfer cycles
Unless otherwise stated VCC e 50V g10% 0 k TA k
70 C the output load capacitance is typical for 4 banks of
18 VRAMs per bank including trace capacitance (see Note
2)
Two different loads are specified
CL e 50 pF loads on all outputs except
CL e 150 pF loads on Q0–8 9 and 10 or
CH e 50 pF loads on all outputs except
CH e 125 pF loads on RAS0–3 and CAS0–3 and
CH e 380 pF loads on Q0–8 9 and 10
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com