Electronic Components Datasheet Search
  English  ▼

X  

DP8522A Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8522A
Description  DP8520A/DP8521A/DP8522A microCMOS Programmable 256k/1M/4M Video RAM Controller/Drivers
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8522A Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button DP8522A Datasheet HTML 24Page - National Semiconductor (TI) DP8522A Datasheet HTML 25Page - National Semiconductor (TI) DP8522A Datasheet HTML 26Page - National Semiconductor (TI) DP8522A Datasheet HTML 27Page - National Semiconductor (TI) DP8522A Datasheet HTML 28Page - National Semiconductor (TI) DP8522A Datasheet HTML 29Page - National Semiconductor (TI) DP8522A Datasheet HTML 30Page - National Semiconductor (TI) DP8522A Datasheet HTML 31Page - National Semiconductor (TI) DP8522A Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 70 page
background image
70 Additional Access Support Features
To support the different modes of accessing the DP8520A
21A22A have multiple access features These features al-
low the user to take advantage of CPU or VRAM functions
These additional features include address latches and col-
umn increment for pageburst mode support address pipe-
lining to allow a new access to start to a different bank of
VRAM after CAS has been asserted and the column ad-
dress hold time has been met and delay CAS to allow the
user with a multiplexed bus to ensure valid data is present
before CAS is asserted
71 ADDRESS LATCHES AND COLUMN INCREMENT
The address latches can be programmed through program-
ming bit B0 to either latch the address or remain perma-
nently in fall-through mode If the address latches are used
to latch the address the rising edge of ALE in Mode 0
places the latches in fall-through Once ALE is negated the
address present on the row column and bank inputs is
latched In Mode 1 the address latches are in fall-through
mode until ADS is asserted ADS asserted latches the ad-
dress
Once the address is latched the column address can be
incremented with the input COLINC With COLINC asserted
the column address is incremented If COLINC is asserted
with all of the bits of the column address asserted the col-
umn address will return to zero COLINC can be used for
sequential accesses of static column VRAMs COLINC can
also be used with the ECAS inputs to support sequential
accesses to page mode VRAMs as shown in
Figure 29
COLINC should only be asserted when a refresh is not in
progress as indicated by RFIP if programmed being ne-
gated during an access since this input functions as an ex-
tend refresh when a refresh is in progress
The address latches function differently with the DP8522A
The DP8522A will latch the address of the currently granted
port If Port A is currently granted the address will be
latched as described in Section 71 If Port A is not granted
and requests an access the address will be latched on the
first or second positive edge of CLK after GRANTB has
been negated depending on the programming bits R0 R1
For Port B if GRANTB is asserted the address will be
latched with AREQB asserted If GRANTB is negated the
address will latch on the first or second positive edge of
CLK after GRANTB is asserted depending on the program-
ming bits R0 R1
72 ADDRESS PIPELINING
Address pipelining is the overlapping of accesses to differ-
ent banks of VRAM If the majority of successive accesses
are to a different bank the accesses can be overlapped
Because of this overlapping the cycle time of the VRAM
accesses are greatly reduced The DP8520A21A22A can
be programmed to allow a new row address to be placed on
the VRAM address bus after the column address hold time
has been met At this time a new access can be initiated
with ADS or ALE depending on the access mode while
AREQ is used to sustain the current access The DP8522A
supports address pipelining for Port A only This mode can
not be used with page static column or nibble modes of
operations because the VRAM column address is switched
back to the row address after CAS is asserted This mode is
programmed through address bit R8 (see
Figures 30 and
31 )
During address pipelining in Mode 0 shown in
Figure 32
ALE cannot be pulsed high to start another access until
AREQ has been asserted for the previous access for at
least one period of CLK DTACK if programmed will be
negated once AREQ is negated WAIT if programmed to
insert wait states will be asserted once ALE and CS are
asserted
In Mode 1 shown in
Figure 33 ADS can be negated once
AREQ is asserted After meeting the minimum negated
pulse width for ADS ADS can again be asserted to start a
new access DTACK if programmed will be negated once
AREQ is negated WAIT if programmed will be asserted
once ADS is asserted
In either mode with either type of wait programmed the
DP8520A21A22A will still delay the access for precharge
if sequential accesses are to the same bank or if a refresh
takes place
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com