Electronic Components Datasheet Search
  English  ▼

X  

DP8522A Datasheet(PDF) 42 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8522A
Description  DP8520A/DP8521A/DP8522A microCMOS Programmable 256k/1M/4M Video RAM Controller/Drivers
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8522A Datasheet(HTML) 42 Page - National Semiconductor (TI)

Back Button DP8522A Datasheet HTML 38Page - National Semiconductor (TI) DP8522A Datasheet HTML 39Page - National Semiconductor (TI) DP8522A Datasheet HTML 40Page - National Semiconductor (TI) DP8522A Datasheet HTML 41Page - National Semiconductor (TI) DP8522A Datasheet HTML 42Page - National Semiconductor (TI) DP8522A Datasheet HTML 43Page - National Semiconductor (TI) DP8522A Datasheet HTML 44Page - National Semiconductor (TI) DP8522A Datasheet HTML 45Page - National Semiconductor (TI) DP8522A Datasheet HTML 46Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 70 page
background image
90 Programming and Resetting (Continued)
94 PROGRAMMING BIT DEFINITIONS
(Continued)
Symbol
Description
R7
WAIT or DTACK Select
0
WAIT type output is selected
1
DTACK (Data Transfer ACKnowledge) type output is selected
R6
Add Wait States to the Current Access if WAITIN is Low
0
WAIT or DTACK will be delayed by one additional positive edge of CLK
1
WAIT or DTACK will be delayed by two additional positive edges of CLK
R5 R4
WAIT DTACK during Burst (See Section 512 or 522)
0 0
NO WAIT STATES If R7 e 0 during programming WAIT will remain negated during burst portion of access
If R7 e 1 programming DTACK will remain asserted during burst portion of access
0 1
1T If R7 e 0 during programming WAIT will assert when the ECAS inputs are negated with AREQ asserted
WAIT will negate from the positive edge of CLK after the ECASs have been asserted
If R7 e 1 during programming DTACK will negate when the ECAS inputs are negated with AREQ asserted
DTACK will assert from the positive edge of CLK after the ECASs have been asserted
1 0
T If R7 e 0 during programming WAIT will assert when the ECAS inputs are negated with AREQ
asserted WAIT will negate on the negative level of CLK after the ECASs have been asserted
If R7 e 1 during programming DTACK will negate when the ECAS inputs are negated with AREQ asserted
DTACK will assert from the negative level of CLK after the ECASs have been asserted
1 1
0T If R7 e 0 during programming WAIT will assert when the ECAS inputs are negated WAIT will negate
when the ECAS inputs are asserted
If R7 e 1 during programming DTACK will negate when the ECAS inputs are negated DTACK will assert
when the ECAS inputs are asserted
R3 R2
WAIT DTACK Delay Times (See Section 511 or 521)
0 0
NO WAIT STATES If R7 e 0 during programming WAIT will remain high during non-delayed accesses
WAIT will negate when RAS is negated during delayed accesses
NO WAIT STATES If R7 e 1 during programming DTACK will be asserted when RAS is asserted
0 1
T If R7 e 0 during programming WAIT will negate on the negative level of CLK after the access RAS
1T If R7 e 1 during programming DTACK will be asserted on the positive edge of CLK after the access
RAS
1 0
NO WAIT STATES
T If R7 e 0 during programming WAIT will remain high during non-delayed accesses
WAIT will negate on the negative level of CLK after the access RAS during delayed accesses
T If R7 e 1 during programming DTACK will be asserted on the negative level of CLK after the access
RAS
1 1
1T If R7 e 0 during programming WAIT will negate on the positive edge of CLK after the access RAS
1
T If R7 e 1 during programming DTACK will be asserted on the negative level of CLK after the positive
edge of CLK after the access RAS
R1 R0
RAS Low and RAS Precharge Time
0 0
RAS asserted during refresh e 2 positive edges of CLK
RAS precharge time e 1 positive edge of CLK
RAS will start from the first positive edge of CLK after GRANTB transitions (DP8522A)
0 1
RAS asserted during refresh e 3 positive edges of CLK
RAS precharge time e 2 positive edges of CLK
RAS will start from the second positive edge of CLK after GRANTB transitions (DP8522A)
1 0
RAS asserted during refresh e 2 positive edges of CLK
RAS precharge time e 2 positive edges of CLK
RAS will start from the first positive edge of CLK after GRANTB transitions (DP8522A)
1 1
RAS asserted during refresh e 4 positive edges of CLK
RAS precharge time e 3 positive edges of CLK
RAS will start from the second positive edge of CLK after GRANTB transitions (DP8522A)
Note 1
The configuration modes allow RASs and CASs to be grouped such that each RAS and CAS will drive one-fourth of the total VRAM array whether the array
is organized as 1 2 or 4 banks
Note 2
In order for a CAS output to go low during an access it must be both selected and enabled ECAS0–1 are used to enable the CAS outputs (ECAS0 enables
CAS01 ECAS1 enables CAS23) Selection is determined by the configuration mode and B1 B0
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com