| Electronic Components Datasheet Search |
|
DP8522A Datasheet(PDF) 10 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP8522A Datasheet(HTML) 10 Page - National Semiconductor (TI) |
|
10 / 70 page ![]() 30 Port A Access Modes The DP8520A21A22A have two general purpose access modes With one of these modes any microprocessor can be interfaced to VRAM A Port A access to VRAM is initiated by two input signals ADS (ALE) and CS The access is al- ways terminated by one signal AREQ These input signals should be synchronous to the input clock CLK One of these access modes is selected at programming through the B1 input signal In both modes once an access has been requested by CS and ADS (ALE) the DP8522A will guarantee the following The DP8520A21A22A will have the row address valid to the VRAMs’ address bus Q0 – 8 9 10 given that the row address setup time to the DP8520A21A22A was met The DP8520A21A22A will bring the appropriate RAS or RASs low The DP8520A21A22A will guarantee the minimum row address hold time before switching the internal multiplexor to place the column address on the VRAM address bus Q0 – 8 9 10 The DP8520A21A22A will guarantee the minimum col- umn address setup time before asserting the appropriate CAS or CASs The DP8520A21A22A will hold the column address valid the minimum specified column address hold time in address pipelining mode and will hold the column address valid the remainder of the access in non-pipelining mode The chip includes a WIN pin to signify a write operation to the DP8520A21A22A When asserted WIN will cause CAS to delay to the next positive clock edge if address bit C9 is asserted during programming When negated WIN will cause the DT OE output to follow the CAS outputs for a read access if ECAS0 is negated during programming WE write enable must be externally gated from the processor to the VRAM as there is no output pin from the WIN input pin available on chip 31 ACCESS MODE 0 Access Mode 0 shown in Figure 5a is selected by negating the input B1 during programming This access mode allows accesses to VRAM to always be initiated from the positive edge of the system input clock CLK To initiate a Mode 0 access ALE is pulsed high and CS is asserted Pulsing ALE high and asserting CS sets an internal latch which requests an access If the precharge time from the last access or VRAM refresh had been met and a refresh of VRAM a Port B access or a VRAM transfer cycle was not in progress the RAS or group of RASs would be initiated from the first posi- tive edge of CLK If a VRAM refresh is in progress or pre- charge time is required the controller will wait until these events have taken place and assert RAS on the next posi- tive edge of CLK Sometime after the first positive edge of CLK after ALE and CS have been asserted the input AREQ must be asserted In single port applications once AREQ has been asserted CS can be negated Once AREQ is negated RAS and DTACK if programmed will be negated If ECAS0 is assert- ed during programming CAS will be negated with AREQ If ECAS0 was negated during programming a single CAS or group of CASs will continue to be asserted after RAS has been negated given that the appropriate ECASs inputs were asserted as shown in Figure 5b This allows the VRAM to have data present on the data out bus while gaining RAS precharge time ALE can stay asserted several periods of CLK However ALE must be negated before or during the period of CLK in which AREQ is negated When performing address pipelining the ALE input cannot be asserted to start another access until AREQ has been asserted for at least one clock period of CLK for the present access 32 ACCESS MODE 1 Access Mode 1 shown in Figure 6a is selected by asserting the input B1 during programming This mode allows access- es which are not delayed by precharge Port B access VRAM transfer cycle or refresh to start immediately from the access request input ADS To initiate a Mode 1 access CS is asserted followed by ADS asserted If the pro- grammed precharge time from the last access or VRAM refresh had been met and a refresh of the VRAM a Port B access to the VRAM or a VRAM transfer cycle was not in progress the RAS or group of RASs selected by program- ming and the bank select inputs would be asserted from ADS being asserted If a VRAM refresh a Port B access or a VRAM transfer cycle is in progress or precharge time is required the controller will wait until these events have tak- en place and assert RAS or the group of RASs from the next positive edge of CLK When ADS is asserted or sometime after AREQ must be asserted At this time ADS can be negated and AREQ will continue the access Once AREQ is negated RAS and DTACK if programmed will be negated If ECAS0 was as- serted during programming CAS will be negated with AREQ If ECAS0 was negated during programming a single CAS or group of CASs will continue to be asserted after RAS has been negated given that the appropriate ECAS inputs were asserted as shown in Figure 6b This allows a VRAM to have data present on the data out bus while gain- ing RAS precharge time ADS can continue to be asserted after AREQ has been asserted and negated however a new access would not be started until ADS is negated and as- serted again ADS and AREQ can be tied together in appli- cations not using address pipelining If address pipelining is programmed it is possible for ADS to be negated after AREQ is asserted Once AREQ is assert- ed ADS can be asserted again to initiate a new access 10 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |