Electronic Components Datasheet Search
  English  ▼

X  

DP8522A Datasheet(PDF) 57 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8522A
Description  DP8520A/DP8521A/DP8522A microCMOS Programmable 256k/1M/4M Video RAM Controller/Drivers
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8522A Datasheet(HTML) 57 Page - National Semiconductor (TI)

Back Button DP8522A Datasheet HTML 53Page - National Semiconductor (TI) DP8522A Datasheet HTML 54Page - National Semiconductor (TI) DP8522A Datasheet HTML 55Page - National Semiconductor (TI) DP8522A Datasheet HTML 56Page - National Semiconductor (TI) DP8522A Datasheet HTML 57Page - National Semiconductor (TI) DP8522A Datasheet HTML 58Page - National Semiconductor (TI) DP8522A Datasheet HTML 59Page - National Semiconductor (TI) DP8522A Datasheet HTML 60Page - National Semiconductor (TI) DP8522A Datasheet HTML 61Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 70 page
background image
150 AC Timing Parameters DP8520ADP8521ADP8522A (Continued)
Unless otherwise stated VCC e 50V g10% 0 C k TA k 70 C the output load capacitance is typical for 4 banks of 18 VRAMs
per bank including trace capacitance (see Note 2)
Two different loads are specified
CL e 50 pF loads on all outputs except
CL e 150 pF loads on Q0–8 9 and 10 or
CH e 50 pF loads on all outputs except
CH e 125 pF loads on RAS0–3 and CAS0–3 and
CH e 380 pF loads on Q0–8 9 and 10
Programing
8520A21A22A-25
Number
Symbol
Parameter Description
CL
CH
Min
Max
Min
Max
500
tHMLADD
Mode Address Held from ML Negated
7
7
501
tSADDML
Mode Address Setup to ML Negated
6
6
502
tWML
ML Pulse Width
15
15
503
tSADAQML
Mode Address Setup to AREQ Asserted
0
0
504
tHADAQML
Mode Address Held from AREQ Asserted
38
38
505
tSCSARQ
CS Asserted Setup to
66
AREQ Asserted
506
tSMLARQ
ML Asserted Setup to AREQ Asserted
10
10
600
tSCKVSRL
VSRL Low Setup to CLK Rising Edge to
77
guarantee counting VSRL as being Low
(used to determine when to end Graphics
Shift load access)
601
tHVSRLCK
VSRL Low from CLK High (to guarantee
33
VSRL is not counted as being Low until
the next rising clock edge)
602
tSCKAVSRL
AVSRLRQ Low before CLK Rising Edge
12
12
to guarantee locking the VRAM to only
Port A accesses
603
tPVSRLDTL
VSRL Low to DT OE Low during
23
33
Graphics Shift Register Load access
604
tPVSRLDTH
VSRL Negated to DT OE Negated
22
32
605
tPCKDTL
CLK to DT OE Negated
27
37
Note 1
‘‘Absolute Maximum Ratings’’ are the values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the device
should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device operation
Note 2
Input pulse 0V to 3V tR e tF e 25 ns Input reference point on AC measurements is 15V Output reference points are 24V for High and 08V for Low
Note 3
AC Production testing is done at 50 pF
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com