Electronic Components Datasheet Search
  English  ▼

X  

DP8522A Datasheet(PDF) 52 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8522A
Description  DP8520A/DP8521A/DP8522A microCMOS Programmable 256k/1M/4M Video RAM Controller/Drivers
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8522A Datasheet(HTML) 52 Page - National Semiconductor (TI)

Back Button DP8522A Datasheet HTML 48Page - National Semiconductor (TI) DP8522A Datasheet HTML 49Page - National Semiconductor (TI) DP8522A Datasheet HTML 50Page - National Semiconductor (TI) DP8522A Datasheet HTML 51Page - National Semiconductor (TI) DP8522A Datasheet HTML 52Page - National Semiconductor (TI) DP8522A Datasheet HTML 53Page - National Semiconductor (TI) DP8522A Datasheet HTML 54Page - National Semiconductor (TI) DP8522A Datasheet HTML 55Page - National Semiconductor (TI) DP8522A Datasheet HTML 56Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 70 page
background image
150 AC Timing Parameters DP8520ADP8521ADP8522A (Continued)
Unless otherwise stated VCC e 50V g10% 0 C k TA k 70 C the output load capacitance is typical for 4 banks of 18 VRAMs
per bank including trace capacitance (see Note 2)
Two different loads are specified
CL e 50 pF loads on all outputs except
CL e 150 pF loads on Q0–8 9 and 10 or
CH e 50 pF loads on all outputs except
CH e 125 pF loads on RAS0–3 and CAS0–3 and
CH e 380 pF loads on Q0–8 9 and 10
Common Dual Access
8520A21A22A-25
Number
Symbol
Parameter Description
CL
CH
Min
Max
Min
Max
100
tHCKARQB
AREQB Negated Held from CLK High
3
3
101
tSARQBCK
AREQB Asserted Setup to CLK High
7
7
102
tPAQBRASL
AREQB Asserted to RAS Asserted
37
41
103
tPAQBRASH
AREQB Negated to RAS Negated
32
36
105
tPCKRASG
CLK High to RAS Asserted for
44
48
Pending Port B Access
106
tPAQBATKBL
AREQB Asserted to ATACKB Asserted
45
45
107
tPCKATKB
CLK High to ATACKB Asserted
51
51
for Pending Access
108
tPCKGH
CLK High to GRANTB Asserted
32
32
109
tPCKGL
CLK High to GRANTB Negated
29
29
110
tSADDCKG
Row Address Setup to CLK High That
Asserts RAS following a GRANTB
11
16
Change to Ensure tASR e 0 ns for Port B
111
tSLOCKCK
LOCK Asserted Setup to CLK Low
55
to Lock Current Port
112
tPAQATKBH
AREQ Negated to ATACKB Negated
21
21
113
tPAQBCASH
AREQB Negated to CAS Negated
47
54
114
tSADAQB
Address Valid Setup to
712
AREQB Asserted
116
tHCKARQG
AREQ Negated Held from CLK High
5
5
117
tWAQB
AREQB High Pulse Width
26
31
to Guarantee tASR e 0ns
118a
tPAQBCAS0
AREQB Asserted to CAS Asserted
87
94
(tRAH e 15 ns tASC e 0 ns)
118b
tPAQBCAS1
AREQB Asserted to CAS Asserted
97
104
(tRAH e 15 ns tASC e 10 ns)
118c
tPAQBCAS2
AREQB Asserted to CAS Asserted
97
104
(tRAH e 25 ns tASC e 0 ns)
118d
tPAQBCAS3
AREQB Asserted to CAS Asserted
107
114
(tRAH e 25 ns tASC e 10 ns)
120a
tPCKCASG0
CLK High to CAS Asserted
for Pending Port B Access
96
103
(tRAH e 15 ns tASC e 0 ns)
120b
tPCKCASG1
CLK High to CAS Asserted
for Pending Port B Access
106
113
(tRAH e 15 ns tASC e 0 ns)
120c
tPCKCASG2
CLK High to CAS Asserted
for Pending Port B Access
106
113
(tRAH e 25 ns tASC e 0 ns)
120d
tPCKCASG3
CLK High to CAS Asserted
for Pending Port B Access
116
123
(tRAH e 25 ns tASC e 10 ns)
121
tSBADDCKG
Bank Address Valid Setup to CLK
High That Starts RAS
10
10
for Pending Port B Access
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com