Electronic Components Datasheet Search
  English  ▼

X  

DP8522A Datasheet(PDF) 41 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8522A
Description  DP8520A/DP8521A/DP8522A microCMOS Programmable 256k/1M/4M Video RAM Controller/Drivers
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8522A Datasheet(HTML) 41 Page - National Semiconductor (TI)

Back Button DP8522A Datasheet HTML 37Page - National Semiconductor (TI) DP8522A Datasheet HTML 38Page - National Semiconductor (TI) DP8522A Datasheet HTML 39Page - National Semiconductor (TI) DP8522A Datasheet HTML 40Page - National Semiconductor (TI) DP8522A Datasheet HTML 41Page - National Semiconductor (TI) DP8522A Datasheet HTML 42Page - National Semiconductor (TI) DP8522A Datasheet HTML 43Page - National Semiconductor (TI) DP8522A Datasheet HTML 44Page - National Semiconductor (TI) DP8522A Datasheet HTML 45Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 70 page
background image
90 Programming and Resetting (Continued)
94 PROGRAMMING BIT DEFINITIONS
(Continued)
Symbol
Description
C6 C5 C4
RAS and CAS Configuration Modes
(Continued)
1 0 0
RAS pairs are selected by B1 CAS0 – 3 are all selected For a particular CAS to be asserted its
corresponding ECAS input must be asserted
B1 e 0 during an access selects RAS0 – 1 and CAS0–3
B1 e 1 during an access selects RAS2 – 3 and CAS0–3
B0 is not used during an access
No error scrubbing
1 0 1
RAS and CAS pairs are selected by B1 For a particular CAS to be asserted its corresponding ECAS input
must be asserted
B1 e 0 during an access selects RAS0 – 1 and CAS0–1
B1 e 1 during an access selects RAS2 – 3 and CAS2–3
B0 is not used during an access
No error scrubbing
1 1 0
RAS singles are selected by B0 – 1 CAS0 – 3 are all selected For a particular CAS to be asserted its
corresponding ECAS input must be asserted
B1 e 0 B0 e 0 during an access selects RAS0 and CAS0–3
B1 e 0 B0 e 1 during an access selects RAS1 and CAS0–3
B1 e 1 B0 e 0 during an access selects RAS2 and CAS0–3
B1 e 1 B0 e 1 during an access selects RAS3 and CAS0–3
No error scrubbing
1 1 1
RAS and CAS singles are selected by B0 1 For a particular CAS to be asserted its corresponding ECAS
input must be asserted
B1 e 0 B0 e 0 during an access selects RAS0 and CAS0
B1 e 0 B0 e 1 during an access selects RAS1 and CAS1
B1 e 1 B0 e 0 during an access selects RAS2 and CAS2
B1 e 1 B0 e 1 during an access selects RAS3 and CAS3
No error scrubbing
C3
Refresh Clock Fine Tune Divisor
0
Divide delay linerefresh clock further by 30 (If DELCLKRefresh Clock Clock Divisor e 2 MHz e 15 ms
refresh period)
1
Divide delay linerefresh clock further by 26 (If DELCLKRefresh Clock Clock Divisor e 2 MHz e 13 ms
refresh period)
C2 C1 C0
Delay LineRefresh Clock Divisor Select
0 0 0
Divide DELCLK by 10 to get as close to 2 MHz as possible
0 0 1
Divide DELCLK by 9 to get as close to 2 MHz as possible
0 1 0
Divide DELCLK by 8 to get as close to 2 MHz as possible
0 1 1
Divide DELCLK by 7 to get as close to 2 MHz as possible
1 0 0
Divide DELCLK by 6 to get as close to 2 MHz as possible
1 0 1
Divide DELCLK by 5 to get as close to 2 MHz as possible
1 1 0
Divide DELCLK by 4 to get as close to 2 MHz as possible
1 1 1
Divide DELCLK by 3 to get as close to 2 MHz as possible
R9
Refresh Mode Select
0
RAS0 – 3 will all assert and negate at the same time during a refresh
1
Staggered Refresh RAS outputs during refresh are separated by one positive clock edge Depending on the
configuration mode chosen either one or two RASs will be asserted
R8
Address Pipelining Select
0
Address pipelining is selected The VRAM controller will switch the VRAM column address back to the row
address after guaranteeing the column address hold time
1
Non-address pipelining is selected The VRAM controller will hold the column address on the VRAM address
bus until the access RASs are negated
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com