| Electronic Components Datasheet Search |
|
DP8522A Datasheet(PDF) 32 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP8522A Datasheet(HTML) 32 Page - National Semiconductor (TI) |
|
32 / 70 page ![]() 80 RAS and CAS Configuration Modes The DP8520A21A22A allow the user to configure the VRAM array to contain one two or four banks of VRAM Depending on the functions used certain considerations must be used when determining how to set up the VRAM array Programming address bits C4 C5 and C6 along with bank selects B0 – 1 and CAS enables ECAS0 – 1 deter- mine which RAS or group of RASs and which CAS or group of CASs will be asserted during an access Different memo- ry schemes are described The DP8520A21A22A is spec- ified driving a heavy load of 72 VRAMs representing four banks of VRAM with 16-bit words and 2 parity bits The DP8520A21A22A can drive more than 72 VRAMs but the AC timing must be increased Since the RAS and CAS out- puts are configurable all RAS and CAS outputs should be used for the maximum amount of drive 81 BYTE WRITING By selecting a configuration in which all CAS outputs are selected during an access each ECAS input enables a pair of CAS outputs to select a byte in a word size of up to 16 bits In this case the RAS outputs are used to select which of up to 4 banks is to be used as shown in Figures 36 and 37 The user can also configure the VRAM array into an 8 bank system as shown in Figure 38 This setup can be used along with byte writing for an 8-bit system if the LOW BYTE and HIGH BYTE are connected to ECAS0 and ECAS1 re- spectively The user can connect upper address bits to ECAS01 for use in an 8 bank – 16-bit system but cannot use byte writing in this case TLF9338 – 88 FIGURE 36 VRAM Array Setup for 16-Bit System (C6 C5 C4 e 1 1 0 during Programming) 32 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |