Electronic Components Datasheet Search
  English  ▼

X  

LTM4660 Datasheet(PDF) 6 Page - Analog Devices

Part # LTM4660
Description  60V, 300W Hybrid Step-Down Module Bus Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4660 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTM4660 Datasheet HTML 2Page - Analog Devices LTM4660 Datasheet HTML 3Page - Analog Devices LTM4660 Datasheet HTML 4Page - Analog Devices LTM4660 Datasheet HTML 5Page - Analog Devices LTM4660 Datasheet HTML 6Page - Analog Devices LTM4660 Datasheet HTML 7Page - Analog Devices LTM4660 Datasheet HTML 8Page - Analog Devices LTM4660 Datasheet HTML 9Page - Analog Devices LTM4660 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTM4660
6
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Output Current
VIN = 48V, VOUT = 12V
Efficiency vs Output Current
VIN = 54V, VOUT = 12V
Switching Frequency
vs FREQ
Oscillator Frequency
vs Temperature
Efficiency for
VOUT = 5V, fSW = 250kHz
fSW = 350kHz
CFLY, CMID = 10µF ×12
CFLY, CMID = 10µF ×10
CFLY, CMID = 10µF ×8
LOAD CURRENT (A)
0
5
10
15
20
25
94
95
96
97
98
4660 G01
fSW = 350kHz
CFLY, CMID = 10µF ×12
CFLY, CMID = 10µF ×10
CFLY, CMID = 10µF ×8
LOAD CURRENT (A)
0
5
10
15
20
25
94
95
96
97
98
4660 G02
Efficiency for
54VIN, CMID = CFLY = 10μF ×12
12VOUT, 350kHz
9VOUT, 450kHz
7.5VOUT, 400kHz
5VOUT, 250kHz
LOAD CURRENT (A)
0
5
10
15
20
25
92
93
94
95
96
97
98
4660 G03
VIN = 48V
VIN = 54V
LOAD CURRENT (A)
0
5
10
15
20
25
90
91
92
93
94
95
96
4660 G04
vs Voltage at FREQ Pin
FREQ PIN VOLTAGE (V)
0
0.5
1
1.5
2
2.5
0
200
400
600
800
1000
1200
1400
1600
1800
4660 G05
RFREQ = 61.9kΩ
TEMPERATURE (°C)
–40 –25
0
25
50
75
100 125
0
100
200
300
400
500
600
700
800
4660 G06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com