Electronic Components Datasheet Search
  English  ▼

X  

LTM4660 Datasheet(PDF) 7 Page - Analog Devices

Part # LTM4660
Description  60V, 300W Hybrid Step-Down Module Bus Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4660 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTM4660 Datasheet HTML 3Page - Analog Devices LTM4660 Datasheet HTML 4Page - Analog Devices LTM4660 Datasheet HTML 5Page - Analog Devices LTM4660 Datasheet HTML 6Page - Analog Devices LTM4660 Datasheet HTML 7Page - Analog Devices LTM4660 Datasheet HTML 8Page - Analog Devices LTM4660 Datasheet HTML 9Page - Analog Devices LTM4660 Datasheet HTML 10Page - Analog Devices LTM4660 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTM4660
7
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Start-Up Characteristics
Steady State Waveforms
VIN = 48V, VOUT = 12V, FCM
VOUT Ripple
Line Transient
VIN Slew Rate 10V/ms
Load Transient
12.5A to 25A to 12.5A
100ms/DIV
4660 G07
VIN
50V/DIV
TIMER
1V/DIV
VMID
20V/DIV
VOUT
10V/DIV
1s/DIV
4660 G08
C+
12V/DIV
C–
12V/DIV
48V
24V
0V
5s/DIV
4660 G09
FCM
Burst
Mode
OPERATION
PULSE-
SKIPPING
MODE
VIN = 48V
VOUT = 12V
COUT = 150F ×2 + 10F ×3
COMPa TIED TO COMPb
10ms/DIV
4660 G10
VIN
10V/DIV
VMID
10V/DIV
VOUT
100mV/DIV
AC-COUPLED
VOUT = 12V
POUT = 300W
CMID AND CFLY = 10F ×12
1ms/DIV
4660 G11
VOUT
500mV/DIV
AC-COUPLED
ILOAD
10A/DIV
VIN = 48V
VOUT = 12V
COUT = 150F ×2 + 10F ×3
COMPa TIED TO COMPb
Radiated EMI Performance (CISPR22 Radiated
Emission Test with Class B 3m Limits)
VIN = 54V
VOUT = 12V
POUT = 300W, fSW = 350kHz
DC2879A, MEASURED IN A 3m CHAMBER, PEAK DETECT METHOD
CISPR CLASS B 3M
VERTICAL
HORIZONTAL
FREQUENCY (MHz)
30
130
230
330
430
530
630
730
830
930
–10
0
10
20
30
40
50
60
70
4660 G12
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com