Electronic Components Datasheet Search
  English  ▼

X  

LTM4660 Datasheet(PDF) 28 Page - Analog Devices

Part # LTM4660
Description  60V, 300W Hybrid Step-Down Module Bus Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4660 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTM4660 Datasheet HTML 20Page - Analog Devices LTM4660 Datasheet HTML 21Page - Analog Devices LTM4660 Datasheet HTML 22Page - Analog Devices LTM4660 Datasheet HTML 23Page - Analog Devices LTM4660 Datasheet HTML 24Page - Analog Devices LTM4660 Datasheet HTML 25Page - Analog Devices LTM4660 Datasheet HTML 26Page - Analog Devices LTM4660 Datasheet HTML 27Page - Analog Devices LTM4660 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
DESIGN RESOURCES
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources
Design:
• Selector Guides
• Demo Boards and Gerber Files
• Free Simulation Tools
Manufacturing:
• Quick Start Guide
• PCB Design, Assembly and Manufacturing Guidelines
• Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
Digital Power System Management
Analog Devices’ family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.
LTM4660
28
Rev. 0
For more information www.analog.com
ANALOG DEVICES, INC. 2022
04/22
www.analog.com
RELATED PARTS
PART NUMBER DESCRIPTION
COMMENTS
LTM4664
54VIN Dual 25A or Single 30A µModule Regulator
with PMBus Interface
30V ≤ VIN ≤ 58V, 0.5V ≤ VOUT ≤ 1.5V, 16mm × 16mm × 7.72mm BGA
LTM4664A
54VIN Dual 30A or Single 60A µModule Regulator
with PMBus Interface
30V ≤ VIN ≤ 58V, 0.5V ≤ VOUT ≤ 1.5V, 16mm × 16mm × 7.72mm BGA
LTM4681
Quad 31.25A or Single 125A µModule Regulator
with PMBus Interface
4.5V ≤ VIN ≤ 16V, 0.5V ≤ VOUT ≤ 3.3V, 15mm × 22mm × 8.17mm BGA
LTM4700
Dual 50A or Single 100A µModule Regulator
with PMBus Interface
4.5V ≤ VIN ≤ 16V, 0.5V ≤ VOUT ≤ 1.8V, 15mm × 22mm × 7.87mm BGA
LTM4680
Dual 30A or Single 60A µModule Regulator
with PMBus Interface
4.5V ≤ VIN ≤ 16V, 0.5V ≤ VOUT ≤ 3.3V, 16mm × 16mm × 7.82mm BGA
LTM4678
Dual 25A or Single 50A µModule Regulator
with PMBus Interface
4.5V ≤ VIN ≤ 16V, 0.5V ≤ VOUT ≤ 3.3V, 16mm × 16mm × 5.86mm BGA
LTM4650
Dual 25A or Single 50A µModule Regulator
4.5V ≤ VIN ≤ 15V, 0.6V ≤ VOUT ≤ 1.8V, 16mm × 16mm × 5.01mm BGA
LTM4650A
Dual 25A or Single 50A µModule Regulator
with High VOUT Range
4.5V ≤ VIN ≤ 16V, 0.6V ≤ VOUT ≤ 5.5V, 16mm × 16mm × 5.01mm BGA,
16mm × 16mm × 4.41mm LGA
PACKAGE PHOTOS Part marking is either ink mark or laser mark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com