Electronic Components Datasheet Search
  English  ▼

X  

LTM4660 Datasheet(PDF) 26 Page - Analog Devices

Part # LTM4660
Description  60V, 300W Hybrid Step-Down Module Bus Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4660 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTM4660 Datasheet HTML 20Page - Analog Devices LTM4660 Datasheet HTML 21Page - Analog Devices LTM4660 Datasheet HTML 22Page - Analog Devices LTM4660 Datasheet HTML 23Page - Analog Devices LTM4660 Datasheet HTML 24Page - Analog Devices LTM4660 Datasheet HTML 25Page - Analog Devices LTM4660 Datasheet HTML 26Page - Analog Devices LTM4660 Datasheet HTML 27Page - Analog Devices LTM4660 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY.
LTM4660
26
Rev. 0
For more information www.analog.com
PACKAGE DESCRIPTION
LTM4660 BGA Pinout
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
A1
VOUT
B1
VOUT
C1
VOUT
D1
VOUT
E1
MID
F1
MID
A2
VOUT
B2
VOUT
C2
VOUT
D2
VOUT
E2
MID
F2
MID
A3
VOUT
B3
VOUT
C3
VOUT
D3
VOUT
E3
VOUT
F3
VOUT
A4
(NO PIN)
B4
(NO PIN)
C4
(NO PIN)
D4
(NO PIN)
E4
(NO PIN)
F4
(NO PIN)
A5
VIN
B5
VIN
C5
VIN
D5
VIN
E5
VIN
F5
VINSNS
A6
C+
B6
C+
C6
C+
D6
C+
E6
C+
F6
C+
A7
(NO PIN)
B7
(NO PIN)
C7
(NO PIN)
D7
(NO PIN)
E7
(NO PIN)
F7
(NO PIN)
A8
C–
B8
C–
C8
C–
D8
C–
E8
C–
F8
C–
A9
C–
B9
C–
C9
C–
D9
GND
E9
GND
F9
GND
A10
C–
B10
C–
C10
C–
D10
GND
E10
GND
F10
GND
A11
C–
B11
C–
C11
C–
D11
GND
E11
GND
F11
GND
A12
GND
B12
GND
C12
GND
D12
GND
E12
GND
F12
GND
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
G1
MID
H1
MID
J1
GND
K1
GND
L1
GND
M1
GND
G2
MID
H2
MIDSNS
J2
GND
K2
GND
L2
GND
M2
PGOOD
G3
VOUT
H3
VOUT
J3
FAULT
K3
TIMER
L3
RUN
M3
MODE/PLLIN
G4
(NO PIN)
H4
(NO PIN)
J4
INTVCC
K4
TEST
L4
SGND
M4
CLKOUT
G5
C+
H5
C+
J5
(NO PIN)
K5
(NO PIN)
L5
(NO PIN)
M5
(NO PIN)
G6
C+
H6
C+
J6
C+
K6
C+
L6
C+
M6
C+
G7
(NO PIN)
H7
(NO PIN)
J7
(NO PIN)
K7
(NO PIN)
L7
(NO PIN)
M7
(NO PIN)
G8
C–
H8
C–
J8
C–
K8
C–
L8
C–
M8
C–
G9
GND
H9
GND
J9
TEMP+
K9
TEMP–
L9
TRACK/SS
M9
EXT_REF
G10
MID
H10
MID
J10
MID
K10
EXTVCC
L10
COMPb
M10
COMPa
G11
MID
H11
MID
J11
MID
K11
TEMP
L11
HYS_PRGM
M11
FREQ
G12
MID
H12
MID
J12
MID
K12
VFB
L12
SGND
M12
SGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com