Electronic Components Datasheet Search
  English  ▼

X  

LTM4660 Datasheet(PDF) 12 Page - Analog Devices

Part # LTM4660
Description  60V, 300W Hybrid Step-Down Module Bus Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4660 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTM4660 Datasheet HTML 8Page - Analog Devices LTM4660 Datasheet HTML 9Page - Analog Devices LTM4660 Datasheet HTML 10Page - Analog Devices LTM4660 Datasheet HTML 11Page - Analog Devices LTM4660 Datasheet HTML 12Page - Analog Devices LTM4660 Datasheet HTML 13Page - Analog Devices LTM4660 Datasheet HTML 14Page - Analog Devices LTM4660 Datasheet HTML 15Page - Analog Devices LTM4660 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LTM4660
12
Rev. 0
For more information www.analog.com
FAULT
TIMER
TRACK/SS
0V
0.5V
1.2V
4V
FAULT
TIMER
TRACK/SS
0V
0.5V
1.2V
(a) Balancing Completed within One Timer Period
(b) More Than One Timer Period
4660 F01
Figure 1. Charge Balancing During Power-Up
FAULT
TIMER
0.5V
1.2V
TRACK/SS
FAULT
TIMER
TRACK/SS
4660 F02
0.5V
1.2V
(a) Balancing Completed within One Timer Period
(b) More Than One Timer Period
Figure 2. Charge Balancing During Normal Operation
OPERATION
not be pulled low during this initial power up. If the volt-
ages across CFLY and CMID reach VIN/2 before the TIMER
capacitor’s voltage reaches 1.2V, the TRACK/SS will be
released and allowed to charge up. The TIMER pin will
reset to ground and remain there. Normal operation will
begin (see Figure 1a).
If, however, the CFLY or CMID voltage is not at VIN/2 when
VTIMER reaches 1.2V, the internal current sources will be
turned OFF and the TIMER capacitor will be charged at half
the initial rate until it reaches 4V. Timer will then be reset
to zero, and the LTM4660 will repeat the above process
again until CFLY and CMID are at VIN/2. (See Figure 1b).
During normal operation, only CMID is monitored for
deviation away from VIN/2 by a window amount set by
a resistor connected from HYS_PRGM to ground. The
voltage across this resistor sets the same amount of win-
dow threshold above and below VIN/2. If VCMID leaves this
voltage window, all switching will stop, and the TRACK/
SS pin will be pulled low. Corresponding internal current
sources will be turned on to bring CFLY and CMID voltages
back to VIN/2. FAULT will be pulled low and released once
the balancing is complete. During this balancing period,
PGOOD will also be pulled low. The TRACK/SS pin is also
allowed to charge up upon the completion of balancing
(see Figure 2). Connecting HYS_PRGM to INTVCC sets the
window threshold to ±0.8V around VIN/2.
Main Control Loop
Once the capacitor balancing phase is complete, nor-
mal operation begins. Power switches are turned ON/
OFF based on peak current in the power inductor. Peak
inductor current is controlled by voltage on COMPa pin,
which is the output of a transconductance error amplifier.
The VFB pin receives the voltage feedback signal from
VOUT, which is compared to the internal reference volt-
age by the error amplifier. When load current increases, it
causes a slight decrease in VFB relative to the 0.8V refer-
ence voltage, which in turn causes the COMPa voltage to
increase until average inductor current matches the new
load current.
During each switching cycle, capacitor CFLY is connected
in series with or parallel to CMID. Voltage at C+ alternates
between VIN and VIN/2 whereas voltage at C– alternates
between VIN/2 and ground. The voltage at MID and across
CFLY will each be approximately at VIN/2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com