Electronic Components Datasheet Search
  English  ▼

X  

LTM4660 Datasheet(PDF) 1 Page - Analog Devices

Part # LTM4660
Description  60V, 300W Hybrid Step-Down Module Bus Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4660 Datasheet(HTML) 1 Page - Analog Devices

  LTM4660 Datasheet HTML 1Page - Analog Devices LTM4660 Datasheet HTML 2Page - Analog Devices LTM4660 Datasheet HTML 3Page - Analog Devices LTM4660 Datasheet HTML 4Page - Analog Devices LTM4660 Datasheet HTML 5Page - Analog Devices LTM4660 Datasheet HTML 6Page - Analog Devices LTM4660 Datasheet HTML 7Page - Analog Devices LTM4660 Datasheet HTML 8Page - Analog Devices LTM4660 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTM4660
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
60V, 300W Hybrid Step-Down
µModule Bus Converter
The LTM®4660 is a complete 300W output switching
mode hybrid-topology step-down DC/DC µModule®
(micromodule) nonisolated bus converter. Its exposed
power inductor resides on the top of the package, pro-
viding an intrinsic path for heat to dissipate up and out
of the module—away from one’s printed circuit board.
Included in the package are the switching controller IC,
power MOSFETs and supporting components. Only flying
(charge-pump) capacitors, bulk input and output bypass
capacitors, and a few configuration passives are needed.
The LTM4660 features frequency synchronization,
Burst Mode® operation and output voltage soft-start and
tracking. An onboard temperature diode is available for
temperature monitoring. The LTM4660 protects against
short-circuit, overcurrent, and overtemperature faults. For
higher power applications, multiple LTM4660 modules
can be easily paralleled.
The LTM4660 is offered in a 16mm × 16mm × 10.34mm
BGA package with RoHS compliant terminal finish.
12V, 25A DC/DC μModule Nonisolated Bus Converter
Efficiency vs Load Current
VOUT = 12V
APPLICATIONS
n
Input Voltage Range: 30V to 60V (65V Abs. Max.)
n
Wide Output Voltage: 4.5V to 18V (VOUT < VIN/2)
n
97.3% Peak Efficiency (12VOUT at 15A, 48VIN)
n
±1.5% Maximum Total DC Output Error
n
Up to 300W Output Power
n
Scalable: Parallel LTM4660s for Higher Power
n
Fixed Frequency Current Mode Control
n
Phase-Lockable External Synchronization from
200kHz to 1MHz
n
Low Start-Up Inrush Current with Flying Capacitor
Voltage-Balancing Prior to DC/DC Switching Action
n
Output Voltage Tracking with Soft-Start
n
Short-Circuit Protection with Adjustable Retry-Timer
n
Overcurrent and Overtemperature Protection
n
Onboard Diode Temperature Monitor
n
Optional External Reference Input
n
Power Good and FAULT Indicators
n
16mm × 16mm × 10.34mm BGA Package
n
Telecom, Data Centers and Networking Equipment
n
Industrial and Test Equipment
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. patents, including 9484799.
VIN
CFLY
10µF
50V
×12
10k
VINSNS
INTVCC
RUN
C+
EXT_REF
C–
FAULT
MIDSNS
PGOOD
FAULT
PGOOD
MID
HYS_PRGM
EXTVCC
TIMER
VOUT
COMPa
PGND
LTM4660
4660 TA01a
COMPb
FREQ
TRACK/SS
VFB
MODE/PLLIN
TEMP
SGND
CIN
10µF
×2
CMID
10µF
50V
×12
COUT
22µF
×2
1µF
VIN
30V TO 60V
VOUT
12V
25A
10k
100k
COUT
150µF
0.1µF
49.9k
4.32k
+
PINS NOT USED IN THIS CIRCUIT: CLKOUT, TEMP+, TEMP–
fSW = 350kHz
VIN = 48V
VIN = 54V
LOAD CURRENT (A)
0
5
10
15
20
25
94
95
96
97
98
4660 TA01b


Similar Part No. - LTM4660

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM4660 AD-LTM4660 Datasheet
2Mb / 20P
160A DC/DC Power μModule Regulator with PMBus Interface
Rev. 0
LTM4660IY AD-LTM4660IY Datasheet
1Mb / 14P
LTM4660 High Efficiency, PolyPhase 50A Hybrid Step-Down Power μModule Regulator 2× LTM4660, 50A
Rev. 0 05/23
More results

Similar Description - LTM4660

ManufacturerPart #DatasheetDescription
logo
Powerbox
B048F120T30 POWERBOX-B048F120T30 Datasheet
1Mb / 1P
210 - 300W DC/DC BUS CONVERTER MODULE
logo
Diodes Incorporated
AP8802H DIODES-AP8802H Datasheet
197Kb / 11P
60V 1A LED Step-down Converter
DS32227 Rev. 1 - 2
logo
Monolithic Power System...
MP4568 MPS-MP4568 Datasheet
946Kb / 16P
60V, 100mA Synchronous Step-Down Converter
logo
Texas Instruments
TPS82130 TI1-TPS82130 Datasheet
1Mb / 25P
Step-Down Converter MicroSiP Module
logo
Monolithic Power System...
MPQ4568 MPS-MPQ4568 Datasheet
906Kb / 16P
Industrial Grade, 60V, 100mA Synchronous Step-Down Converter
logo
Linear Technology
LTC3892-2 LINER-LTC3892-2 Datasheet
426Kb / 8P
60V, Low IQ Multiphase Synchronous Step-Down Converter
logo
Monolithic Power System...
EVQ4568-Q-00A MPS-EVQ4568-Q-00A Datasheet
465Kb / 5P
60V, 100mA Synchronous Step-Down Converter Evaluation Board
logo
Shenzhen Huazhimei Semi...
HM2675HV HMSEMI-HM2675HV Datasheet
501Kb / 7P
3A-60V LED Step-Down Converter
logo
AiT Semiconductor Inc.
A7466 AITSEMI-A7466 Datasheet
621Kb / 9P
DC-DC CONVERTER/ BUCK (STEP-DOWN) 60V,480KHZ,0.5A STEP-DOWN CONVERTER
REV1.0
logo
Analog Devices
DC2879A AD-DC2879A Datasheet
757Kb / 10P
High Density Hybrid Step-Down Synchronous Converter
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com