Electronic Components Datasheet Search
  English  ▼

X  

LTM4660 Datasheet(PDF) 21 Page - Analog Devices

Part # LTM4660
Description  60V, 300W Hybrid Step-Down Module Bus Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4660 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTM4660 Datasheet HTML 17Page - Analog Devices LTM4660 Datasheet HTML 18Page - Analog Devices LTM4660 Datasheet HTML 19Page - Analog Devices LTM4660 Datasheet HTML 20Page - Analog Devices LTM4660 Datasheet HTML 21Page - Analog Devices LTM4660 Datasheet HTML 22Page - Analog Devices LTM4660 Datasheet HTML 23Page - Analog Devices LTM4660 Datasheet HTML 24Page - Analog Devices LTM4660 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTM4660
21
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
4660 F12
Figure 12. Thermal Image 48V to 12V, 25A; 200LFM Airflow; No
Heat Sink (Based on 6-Layer PCB with 2oz Copper on All Layers)
• Place a dedicated power ground layer underneath
the unit.
• To minimize the via conduction loss and reduce module
thermal stress, use multiple vias for interconnection
between top layer and other power layers.
• Do not put via directly on the pad unless they are
capped or plated over.
• Use a separated SGND ground copper area for com-
ponents connected to signal pins. SGND is connected
to GND internal to the module.
• For parallel modules, tie the VOUT, VFB, and COMP pins
together. Use an internal layer to closely connect these
pins together. The TRACK pin can be tied a common
capacitor for regulator soft-start.
• Bring out test points on the signal pins for monitoring.
Figure 13 gives a good example of the recommended
layout for input, output, CFLY and CMID capacitors on the
top layer. Pinout of LTM4660 is designed such that CFLY
capacitors can be conveniently placed on the bottom
layer right underneath the module, with minimal impact
to total PCB area. (See Figure 14 for example of bottom
layer layout).
12
11
10
9
8
7
6
5
4
3
2
1
A
B
C D
E
F
G H
J
K
L M
4660 F13
COUT2
COUT1
VOUT
GND
GND
VIN
CIN1
CIN2
CFLY
CFLY
CFLY
CFLY
C–
C+
CMID
CMID
CMID
CMID
GND
MID
Figure 13. Recommended Layout for Top Layer
C+
GND
4660 F14
C–
CMID
CMID
CMID
CMID
GND
MID
12
11
10
9
8
7
6
5
4
3
2
1
A
B
C D
E
F
G H
J
K
L M
CFLY
CFLY
CFLY
CFLY
Figure 14. Recommended Layout for Bottom Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com