Electronic Components Datasheet Search
  English  ▼

X  

LTM4660 Datasheet(PDF) 9 Page - Analog Devices

Part # LTM4660
Description  60V, 300W Hybrid Step-Down Module Bus Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4660 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTM4660 Datasheet HTML 5Page - Analog Devices LTM4660 Datasheet HTML 6Page - Analog Devices LTM4660 Datasheet HTML 7Page - Analog Devices LTM4660 Datasheet HTML 8Page - Analog Devices LTM4660 Datasheet HTML 9Page - Analog Devices LTM4660 Datasheet HTML 10Page - Analog Devices LTM4660 Datasheet HTML 11Page - Analog Devices LTM4660 Datasheet HTML 12Page - Analog Devices LTM4660 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LTM4660
9
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
EXTVCC (K10): External Power Input to an Internal LDO
Connected to INTVCC. This LDO supplies INTVCC power,
bypassing the internal LDO powered from VIN whenever
EXTVCC is higher than 8V. Do not float or exceed 20V on
this pin. Connect EXTVCC to GND, if the features is unused.
To reduce internal module temperature rise, it is strongly
recommended to bias EXTVCC with 8VDC or higher. For
applications where VOUT ≥ 8V, there is an easy way: con-
nect VOUT to EXTVCC. For applications where VOUT < 8V, it
is strongly recommended to drive EXTVCC to 8V (or higher)
with an external bias supply. When driving EXTVCC exter-
nally, take precautions to ensure EXTVCC ≤ VIN at all times.
TEMP (K11): Temperature Sensing Input. Using a PTC
resistor as the lower leg of a resistor divider, connect the
TEMP pin to the common point of the divider. The PTC
resistor is used to monitor a hot spot on the PCB. Once
it reaches the TEMP threshold of 1.22V, the LTM4660
stops switching for 100ms before retrying. Ground this
pin if not used.
VFB (K12): Error Amplifier Feedback Input. Connect resis-
tor RVFB from this pin to SGND in order to configure the
VOUT output voltage setting. RVFB is given by Equation 1.
RVFB (kΩ) =
60.4
VOUT
VVFB
− 1
⎛
⎝⎜
⎞
⎠⎟
(1)
When EXT_REF is connected to INTVCC, the module regu-
lates the VFB pin at 0.8V, nominal. If EXT_REF is used or
TRACK/SS is externally driven to influence the VFB tar-
get servo voltage, the value of RVFB must be computed
accordingly. (See the Applications Information section.)
RUN (L3): Run Control Input. A voltage above 1.3V turns
the LTM4660 ON. A voltage below 1.1V causes the mod-
ule to shutdown. There is a 1μA pull-up current on this
pin when its voltage is below 1.3V.
SGND (L4, L12, M12): Signal Ground. All small-signal
components and compensation components (if used)
should connect to this signal SGND, which connects to
GND internal to the module. It is not necessary to connect
SGND to GND externally.
TRACK/SS (L9): Output Voltage Tracking and Soft-Start
Input. The LTM4660 regulates the VFB voltage to the low-
est of three voltages: 0.8V, the voltage on the EXT_REF
pin or the voltage on the TRACK/SS pin. An internal 10μA
pull-up current source is connected to this pin. A capaci-
tor to SGND at this pin sets the ramp time to the final
regulated output voltage. Alternatively, a resistor divider
from another voltage supply connected to this pin allows
the LTM4660 output voltage to track the other supply
during start-up.
HYS_PRGM (L11): There is a 10μA current flowing out
of this pin. A voltage created by connecting a resistor
from this pin to SGND sets an equal amount of window
threshold around VIN/2 to a window comparator. When
the voltage at MIDSNS is not within this window threshold,
FAULT will be pulled low and switching will stop. CFLY and
CMID will be rebalanced to half of VIN before resuming
normal operation.
PGOOD (M2): Power Good Pin. This is an open drain
output. PGOOD is pulled to ground when voltage at VFB
pin falls below 7.5% or rises above 8.5% of its set point.
It will also be pulled low when FAULT is tripped.
MODE/PLLIN (M3): Mode Selection or External
Synchronization Input to Phase Detector. When external
synchronization is not used, this pin selects the operating
modes and can be tied to SGND, to INTVCC or left open
circuit. If the pin is connected to SGND, it enables forced
continuous mode while a connection to INTVCC enables
pulse-skipping mode. Floating the pin enables Burst Mode
operation. For external sync, apply a clock signal to this
pin. The integrated PLL along with its internal compen-
sation network will synchronize the internal oscillator to
external clock. Forced continuous mode will be enabled
when an external clock is applied.
CLKOUT (M4): Clock Output Pin. This pin outputs a
clock 180° out of phase with the main operating clock
of the LTM4660.
EXT_REF (M9): External Reference Input. A voltage
applied to this pin forces the VFB to regulate to this volt-
age. Internal clamps set at 0.45V and 0.9V limit the lower
and upper bounds of VFB regulation that EXT_REF can



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com