Electronic Components Datasheet Search
  English  ▼

X  

LTM4660 Datasheet(PDF) 14 Page - Analog Devices

Part # LTM4660
Description  60V, 300W Hybrid Step-Down Module Bus Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4660 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTM4660 Datasheet HTML 10Page - Analog Devices LTM4660 Datasheet HTML 11Page - Analog Devices LTM4660 Datasheet HTML 12Page - Analog Devices LTM4660 Datasheet HTML 13Page - Analog Devices LTM4660 Datasheet HTML 14Page - Analog Devices LTM4660 Datasheet HTML 15Page - Analog Devices LTM4660 Datasheet HTML 16Page - Analog Devices LTM4660 Datasheet HTML 17Page - Analog Devices LTM4660 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LTM4660
14
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
TIME
TIME
VOUT1
VOUT2
VOUT1
VOUT2
4660 F03
(a) Coincident Tracking
(b) Ratio-Metric Tracking
Figure 3. Two Different Methods of Output Voltage Tracking
R3
R4
60.4k (INTERNAL)
R4
R1
R2
60.4k (INTERNAL)
R4
VOUT1
EXTERNAL
SUPPLY
TO TRACK/SS
PIN OF LTM4660
TO VFB PIN
OF LTM4660
VOUT1
EXTERNAL
SUPPLY
VOUT2
FROM LTM4660
(a) Coincident Tracking Setup
(b) Ratio-Metric Tracking Setup
4660 F04
VOUT2
FROM LTM4660
TO TRACK/SS
PIN OF LTM4660
TO VFB2
PIN OF
LTM4660
Figure 4. Setup for Coincident and Ratio-Metric Tracking
Burst Mode Operation, Pulse-Skipping Mode, or
Forced Continuous Mode
The LTM4660 can be enabled to enter high efficiency
Burst Mode operation, constant-frequency pulse-skipping
mode, or forced continuous mode. To select forced con-
tinuous operation, tie the MODE/PLLIN pin to SGND. To
select pulse-skipping mode of operation, tie the MODE/
PLLIN pin to INTVCC. To select Burst Mode operation,
float the MODE/PLLIN pin. When the controller is enabled
for Burst Mode operation, if the average inductor current
is higher than the load current, the error amplifier will
decrease the voltage on the COMPa pin. When the COMPa
voltage drops below 0.5V, the internal sleep signal goes
high (enabling sleep mode) and switching is turned off.
In sleep mode, the load current is supplied by the output
capacitor. As the output voltage decreases, the voltage
on COMPa pin begins to rise. When the output voltage
drops enough, the sleep signal goes low, and the control-
ler resumes normal operation by turning on the power
switches on the next cycle of the internal oscillator. When
a controller is enabled for Burst Mode operation, the con-
troller operates in discontinuous operation. In forced con-
tinuous operation, the peak inductor current is determined
by the voltage on the COMPa pin. Switching frequency
is constant as set by RFREQ resistor and inductor cur-
rent remains continuous through the switching period.
In this mode, the efficiency at light loads is lower than in
Burst Mode operation. However, continuous mode has
the advantages of faster response to load transients and
less interference with audio circuitry. When the MODE/
PLLIN pin is connected to INTVCC, the LTM4660 oper-
ates in PWM pulse-skipping mode at light loads. At very
light loads, switching is off for few numbers of cycles
(i.e., skipping pulses) and the part operates in discon-
tinuous mode. This mode, like forced continuous opera-
tion, exhibits low output ripple as well as low audio noise
and reduced RF interference as compared to Burst Mode
operation. At light loads, pulse-skipping mode provides
higher efficiency than forced continuous mode, but not
nearly as high as Burst Mode operation. Regardless of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com