Electronic Components Datasheet Search
  English  ▼

X  

LTM4660 Datasheet(PDF) 2 Page - Analog Devices

Part # LTM4660
Description  60V, 300W Hybrid Step-Down Module Bus Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4660 Datasheet(HTML) 2 Page - Analog Devices

  LTM4660 Datasheet HTML 1Page - Analog Devices LTM4660 Datasheet HTML 2Page - Analog Devices LTM4660 Datasheet HTML 3Page - Analog Devices LTM4660 Datasheet HTML 4Page - Analog Devices LTM4660 Datasheet HTML 5Page - Analog Devices LTM4660 Datasheet HTML 6Page - Analog Devices LTM4660 Datasheet HTML 7Page - Analog Devices LTM4660 Datasheet HTML 8Page - Analog Devices LTM4660 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTM4660
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Terminal Voltages
VIN, VINSNS............................................. –0.3V to 65V
VOUT, EXTVCC, PGOOD, FAULT............... –0.3V to 20V
MID, MIDSNS....................................... –0.3V to 32.5V
RUN, FREQ, HYS_PRGM, TEMP, VFB, TRACK/SS,
TIMER, MODE/PLLIN, EXT_REF .......–0.3V to INTVCC
Terminal Currents
TEMP+....................................................–1mA to 1mA
TEMP– ...................................................–1mA to 1mA
Temperatures
Internal Operating Temperature
Range (Note 2) .................................. –40°C to 125°C
Storage Temperature Range .............. –55°C to 125°C
Peak Package Body Temperature
During Reflow................................................... 245°C
(All Voltages Relative to GND Unless Otherwise Indicated)
(Note 1)
L
K
J
H
G
MID
SGND
GND
F
E
D
C
B
M
A
1
2
3
4
5
6
7
8
10
9
11
12
BGA PACKAGE
120-LEAD (16mm × 16mm × 10.34mm)
TJMAX = 125°C, θJCtop = 3.92°C/W, θJCbottom = 1.98°C/W, θJA = 7.3°C/W
θ VALUES DETERMINED PER JESD51-12 (SEE NOTE 9), WEIGHT = 9.3g
TOP VIEW
TEMP+
TEMP–
TEMP
HYS_PRGM
FREQ
TRACK/SS
EXT_REF
C–
C–
GND
MID
MIDSNS
VOUT
VIN
VFB
VINSNS
EXTVCC
COMPb
COMPa
INTVCC
TEST
SGND
CLKOUT
FAULT
TIMER
RUN
MODE/PLLIN
PGOOD
C+
ORDER INFORMATION
PART NUMBER
PAD OR BALL FINISH*
PART MARKING
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(SEE NOTE 2)
DEVICE
FINISH CODE
LTM4660EY#PBF
SAC305 (RoHS)
LTM4660Y
e1
BGA
4
–40°C to 125°C
LTM4660IY#PBF
• Contact the factory for parts specified with wider operating temperature
ranges. *Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Device temperature grade is indicated by a label on the shipping container.
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures
• LGA and BGA Package and Tray Drawings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com