Electronic Components Datasheet Search
  English  ▼

X  

MMPF0100 Datasheet(PDF) 119 Page - NXP Semiconductors

Part # MMPF0100
Description  14 channel configurable power management integrated circuit
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100 Datasheet(HTML) 119 Page - NXP Semiconductors

Back Button MMPF0100 Datasheet HTML 115Page - NXP Semiconductors MMPF0100 Datasheet HTML 116Page - NXP Semiconductors MMPF0100 Datasheet HTML 117Page - NXP Semiconductors MMPF0100 Datasheet HTML 118Page - NXP Semiconductors MMPF0100 Datasheet HTML 119Page - NXP Semiconductors MMPF0100 Datasheet HTML 120Page - NXP Semiconductors MMPF0100 Datasheet HTML 121Page - NXP Semiconductors MMPF0100 Datasheet HTML 122Page - NXP Semiconductors MMPF0100 Datasheet HTML 123Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 137 page
background image
NXP Semiconductors
119
PF0100
TYPICAL APPLICATIONS
7.1.2
Bill of materials
The following table provides a complete list of the recommended components on a full featured system using the PF0100 Device for -40
°C to 85 °C applications. Components are provided with an example part number; equivalent components may be used.
Table 139. Bill of materials -40 °C to 85 °C applications (85)
Value
Qty
Description
Part#
Manufacturer
Component/pin
PMIC
1
Power management IC
MMPF0100
NXP
Buck, SW1AB - (0.300-1.875 V), 2.5 A
1.0
μH1
2.5 x 2 x 1.2
ISAT = 3.4 A for 10% drop,
DCRMAX = 49 mΩ
DFE252012R-H-1R0M
TOKO INC.
Output inductor
22
μH
4
10 V X5R 0603
GRM188R61A226ME15
Murata
Output capacitance
4.7
μF
2
10 V X5R 0402
GRM155R61A475MEAA
Murata
Input capacitance
0.1
μF
1
10 V X5R 0201
GRM033R61A104ME84
Murata
Input capacitance
Buck, SW1C - (0.300-1.875 V), 2.0 A
1.0
μH1
2.5 x 2 x 1.2
ISAT = 3.0 A for 10% drop,
DCRMAX = 59 mΩ
DFE252012C-1R0M
TOKO INC.
Output inductor
22
μF
3
10 V X5R 0603
GRM188R61A226ME15
Murata
Output capacitance
4.7
μF
1
10 V X5R 0402
GRM155R61A475MEAA
Murata
Input capacitance
0.1
μF
1
10 V X5R 0201
GRM033R61A104ME84
Murata
Input capacitance
Buck, SW2 - (0.400-3.300 V), 2.0 A
1.0
μH1
2.5 x 2 x 1.2
ISAT = 3.0 A for 10% drop,
DCRMAX = 59 mΩ
DFE252012C-1R0M
TOKO INC.
Output inductor
22
μF
3
10 V X5R 0603
GRM188R61A226ME15
Murata
Output capacitance
4.7
μF
1
10 V X5R 0402
GRM155R61A475MEAA
Murata
Input capacitance
0.1
μF
1
10 V X5R 0201
GRM033R61A104ME84
Murata
Input capacitance
Buck, SW3AB - (0.400-3.300 V), 2.5 A
1.0
μH1
2.5 x 2 x 1.2
ISAT = 3.4 A for 10% drop,
DCRMAX = 49 mΩ
DFE252012R-1R0M
TOKO INC.
Output inductor
22
μF
3
10 V X5R 0603
GRM188R61A226ME15
Murata
Output capacitance
4.7
μF
2
10 V X5R 0402
GRM155R61A475MEAA
Murata
Input capacitance
0.1
μF
1
10 V X5R 0201
GRM033R61A104ME84
Murata
Input capacitance
Buck, SW4 - (0.400-3.300V), 1.0 A
1.0
μH1
2 x 1.6 x 0.9
ISAT = 2.0 A for 30% drop,
DCRMAX = 80 mΩ
LQM2MPN1R0MGH
Murata
Output inductor
22
μF
3
10 V X5R 0603
GRM188R61A226ME15
Murata
Output capacitance
4.7
μF
2
10 V X5R 0402
GRM155R61A475MEAA
Murata
Input capacitance
0.1
μF
1
10 V X5R 0201
GRM033R61A104ME84
Murata
Input capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com