Electronic Components Datasheet Search
  English  ▼

X  

MMPF0100 Datasheet(PDF) 122 Page - NXP Semiconductors

Part # MMPF0100
Description  14 channel configurable power management integrated circuit
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100 Datasheet(HTML) 122 Page - NXP Semiconductors

Back Button MMPF0100 Datasheet HTML 118Page - NXP Semiconductors MMPF0100 Datasheet HTML 119Page - NXP Semiconductors MMPF0100 Datasheet HTML 120Page - NXP Semiconductors MMPF0100 Datasheet HTML 121Page - NXP Semiconductors MMPF0100 Datasheet HTML 122Page - NXP Semiconductors MMPF0100 Datasheet HTML 123Page - NXP Semiconductors MMPF0100 Datasheet HTML 124Page - NXP Semiconductors MMPF0100 Datasheet HTML 125Page - NXP Semiconductors MMPF0100 Datasheet HTML 126Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 137 page
background image
122
NXP Semiconductors
PF0100
TYPICAL APPLICATIONS
BOOST, SWBST - 5.0 V, 600 mA
2.2
μH1
2 x 1.6 x 1
ISAT = 2.4 A for 10% drop
DFE201610E-2R2M
TOKO INC.
Output inductor
22
μF
2
10 V X7T 0805
GRM21BD71A226ME44
Murata
Output capacitance
10
μF
3
10 V X7T 0603
GRM188D71A106MA73
Murata
Input capacitance
2.2
μF
1
10 V X7S 0402
GRM155C71A225KE11
Murata
Input capacitance
0.1
μF
1
10 V X7S 0201
GRM033C71A104KE14
Murata
Input capacitance
1.0 A
1
DIODE SCH PWR RECT 1A 20V SMT
MBR120LSFT3G
ON Semiconductor
Schottky diode
LDO, VGEN1, 2, 3, 4, 5, 6
4.7
μF
1
10 V X7S 0603
GRM188C71A475KE11
Murata
VGEN2,4 output capacitors
2.2
μF
1
10 V X7S 0402
GRM155C71A225KE11
Murata
VGEN1,3,5,6 output
capacitors
1.0
μF
1
10 V X7S 0402
GRM155C71A105KE11
Murata
VGEN1,2,3,4,5,6 input
capacitors
Miscellaneous
1.0
μF
1
10 V X7S 0402
GRM155C71A105KE11
Murata
VCORE, VCOREDIG,
VREFDDR, VINREFDDR,
VIN capacitors
0.22
μF
1
10 V X7R 0402
GRM155R71A224KE01
Murata
VCOREREF output capacitor
0.47
μF
1
10 V X7R 0402
GRM155R71A474KE01
Murata
VSNVS output capacitor
0.1
μF
1
10 V X7S 0201
GRM033C71A104KE14
Murata
VHALF, VINREFDDR,
VDDIO, LICELL capacitors
100 k
Ω
2
RES MF 100 k 1/16 W 1% 0402
RC0402FR-07100KL
Yageo America
Pull-up resistors
4.7 k
Ω
2
RES MF 4.70K 1/20W 1% 0201
RC0201FR-074K7L
Yageo America
I2C pull-up resistors
Notes
86.
NXP does not assume liability, endorse, or warrant components from external manufacturers referenced in circuit drawings or tables. While NXP
offers component recommendations in this configuration, it is the customer’s responsibility to validate their application.
Table 140. Bill of materials -40 °C to 105 °C applications (continued) (86)
Value
Qty
Description
Part#
Manufacturer
Component/pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com